Electronic Components Datasheet Search
  English  ▼

X  

M63028FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M63028FP
Description  Spindle Motor and 5ch Actuator Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63028FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M63028FP Datasheet HTML 9Page - Renesas Technology Corp M63028FP Datasheet HTML 10Page - Renesas Technology Corp M63028FP Datasheet HTML 11Page - Renesas Technology Corp M63028FP Datasheet HTML 12Page - Renesas Technology Corp M63028FP Datasheet HTML 13Page - Renesas Technology Corp M63028FP Datasheet HTML 14Page - Renesas Technology Corp M63028FP Datasheet HTML 15Page - Renesas Technology Corp M63028FP Datasheet HTML 16Page - Renesas Technology Corp M63028FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
M63028/029FP
Rev.1.0, Sep.16.2003, page 13 of 21
REF
SPIN
RSP
R1
R2
1.65v
CTL
VM1
Rs
HB
HU+
HU-
HV+
HV-
HW+
HW-
U
V
W
M
Rh
5V
GND
Slide channel
The relationship between the differential voltage between SLIN and REF and the torque is shown in following Figure.
The voltage gain[Gvo] is 1.0 [V/V]. The current gain is 2.0[A/V] (at sensing resistor : 0.5
Ω and R1=∞, R2=0 Ω) in
forward torque directions, and the dead zone is from 0mV to 80mV (at R1=
∞, R2=0 Ω)).
The coil current gain under the reverse torque is the same with in forward torque directions.And the limitation function
gets on when the differential voltage of VM2(12V) to RSL is 0.5V.
Therefore current-gain-control and current-limit of this IC is determined with sensing resister value.
Forward
Reverse
Dead zone
current limit
current limit
Gio
Gio
Dead zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com