Electronic Components Datasheet Search
  English  ▼

X  

YD358 Datasheet(PDF) 1 Page - Wuxi Youda electronics Co.,LTD

Part # YD358
Description  DUAL OPERATIONNAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD358 Datasheet(HTML) 1 Page - Wuxi Youda electronics Co.,LTD

  YD358 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD358 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD358 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
YD358
DUAL OPERATIONNAL AMPLIFIER—YD358
DESCRIPTION
The YD358 consists of dual independent, high Gain internally frequency compensated operational amplifiers
which were designed specifically to operation from a single power supply over a wide voltage range.
FEATURES
*Internally frequency compensated for unity gain;
*Large DC voltage gain:100dB;
*Wide operating supply range (Vcc=3V~32V);
*Input common-mode voltage includes ground;
*Large output voltage swing: from 0V to Vcc-1.5V;
*Power drain suitable for battery operation.
BLOCK DIAGRAM
8765
4
3
2
1
+
-
+
-
GND
Vcc
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-85205117
86-510-85205106
Fax:
86-510-85205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel: 86-755-83740369
Fax: 86-755-83741418
Ver
5.0
1 of 3
2006-08-08


Similar Part No. - YD358

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YD352EW050R ETC1-YD352EW050R Datasheet
743Kb / 6P
PULSE CAPACITORS FOR FLASH LAMP APPLICATIONS
YD352EW120R ETC1-YD352EW120R Datasheet
743Kb / 6P
PULSE CAPACITORS FOR FLASH LAMP APPLICATIONS
More results

Similar Description - YD358

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1458 FAIRCHILD-KA1458 Datasheet
69Kb / 10P
Dual Operational Amplifier
logo
Wuxi Youda electronics ...
YD3414 YOUDA-YD3414 Datasheet
152Kb / 3P
DUAL HIGH CURRENT OPERATIONNAL AMPLIFIER
YD4558 YOUDA-YD4558 Datasheet
80Kb / 3P
DUAL OPERATIONAL AMPLIFIER
YD4560 YOUDA-YD4560 Datasheet
83Kb / 3P
DUAL OPERATIONNAL AMPLIFIER
logo
Unisonic Technologies
A6225 UTC-A6225 Datasheet
116Kb / 5P
DUAL PRE-AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
logo
Unisonic Technologies
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com