Electronic Components Datasheet Search
  English  ▼

X  

BCP51 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCP51
Description  PNP medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP51 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCP51 Datasheet HTML 1Page - NXP Semiconductors BCP51 Datasheet HTML 2Page - NXP Semiconductors BCP51 Datasheet HTML 3Page - NXP Semiconductors BCP51 Datasheet HTML 4Page - NXP Semiconductors BCP51 Datasheet HTML 5Page - NXP Semiconductors BCP51 Datasheet HTML 6Page - NXP Semiconductors BCP51 Datasheet HTML 7Page - NXP Semiconductors BCP51 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 08
3
Philips Semiconductors
Product specification
PNP medium power transistors
BCP51; BCP52; BCP53
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
95
K/W
Rth j-s
thermal resistance from junction to soldering point
14
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−
−100 nA
IE = 0; VCB = −30 V; Tj = 125 °C
−−
−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−
−100 nA
hFE
DC current gain
VCE = −2 V; see Fig.2
IC = −5mA
40
−−
IC = −150 mA
63
−
250
IC = −500 mA
25
−−
hFE
DC current gain
IC = 150 mA; VCE = −2 V; see Fig.2
BCP53-10
63
−
160
BCP51-16; BCP52-16; BCP53-16
100
−
250
VCEsat
collector-emitter saturation voltage
IC = −500 mA; IB = −50 mA
−−
−0.5
V
VBE
base-emitter voltage
IC = −500 mA; VCE = −2V
−−
−1V
fT
transition frequency
IC = −10 mA; VCE = −5V;
f = 100 MHz
−
115
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com