Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # FX2
Description  Useful of 8,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FX2 Datasheet(HTML) 1 Page - AIC tech Inc.

  FX2 Datasheet HTML 1Page - AIC tech Inc. FX2 Datasheet HTML 2Page - AIC tech Inc. FX2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Type of series
(Example) FX2 Series 400V 10,000
μF±20%
FX2 2G 103
195
YE
Case height code
Case dia code
Type of brcket code
Capacitance code
Rated voltage code
• Conform RoHS
Features
• Developed specially for the demand of higher voltage
with compact size.
• The size is reduced by around 14% of conventional FXA
series through development of electrolyte liquid.
• 600V added in the series.
FX2 Series
Terminal permissible currents: 60Arms for M5 ; 120Arms for M8.
Please use this type of capacitor at a terminal current below the
permissible.
Bracket
• Refer to page 22-23 for shapes and dimensions.
• Product names in the Standard Products Table correspond to the bracket
for Type Y, but Type
Ⅰbracket may be used (Type of bracket code =Ⅰ).
• If bracket are not necessary, enter
“N”for the type of bracket code.
• Bracket will be delivered separately.
Insulation plate
Insulation sleeve
Vent
Anode marking
φD±1
Hexagon-head bolt
L±2
T±1
(unit
:mm)
φDP
T
φd
Hexagon-
head bolt
Cap material
51
22.0
5.5
10.0
M5
×10
Phenol resin
64
28.6
5.5
10.0
M5
×10
Phenol resin
77
31.5
5.0
10.0
M5
×10
Phenol resin
90
31.5
5.0
10.0
M5
×10
Phenol resin
101
41.5
11.0
14.0
M8
×16
Phenol resin
Ripple current correction coefficient
Temperature (
℃)
40
60
85
Correction coefficient
1.89
1.67
1.00
Frequency (Hz)
50 / 60
120
300
1K
≧10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
Refer to page 21 for product code.
Items
Specifications
Temperature range
−40℃∼ +85℃(400 ∼ 550V.DC)
−25℃∼ +85℃(600V.DC)
Rated voltage
400
∼ 600V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.01CV (
μA) or 5mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard products table.
(85℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 85
℃ for 5,000 hours :
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 85
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Product Specifications
Product code
Dimensions
→
VFL
High-ripple current
P.38
FX2


Similar Part No. - FX2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
1.27mm Pitch Multi-function Two Piece Connector
logo
TE Connectivity Ltd
FX2 TEC-FX2 Datasheet
621Kb / 3P
Signal Relays
logo
Hirose Electric
FX2-020P-1.27DS HIROSE-FX2-020P-1.27DS Datasheet
610Kb / 28P
1.27mm Pitch Multi-function Two Piece Connector
FX2-020P-1.27DS HIROSE-FX2-020P-1.27DS Datasheet
728Kb / 34P
1.27mm Pitch Multi-function Two Piece Connector
FX2-020P-1.27DS(71) HIROSE-FX2-020P-1.27DS(71) Datasheet
610Kb / 28P
1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
FX3 AICTECH-FX3 Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
FXA AICTECH-FXA Datasheet
65Kb / 2P
Useful of 8,000 hours at 85ºC
FXR3 AICTECH-FXR3 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
FXW AICTECH-FXW Datasheet
72Kb / 2P
Useful of 8,000 hours at 85ºC
GXR3 AICTECH-GXR3 Datasheet
66Kb / 2P
Useful of 8,000 hours at 105ºC
HCGW2 AICTECH-HCGW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HP3 AICTECH-HP3 Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HXA AICTECH-HXA Datasheet
65Kb / 2P
Useful of 20,000 hours at 85ºC
VFLR AICTECH-VFLR Datasheet
86Kb / 3P
Useful of 8,000 hours at 85ºC
VGLR AICTECH-VGLR Datasheet
87Kb / 3P
Useful of 8,000 hours at 105ºC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com