Electronic Components Datasheet Search
  English  ▼

X  

FX3 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # FX3
Description  Useful of 8,000 hours at 85ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FX3 Datasheet(HTML) 2 Page - AIC tech Inc.

  FX3 Datasheet HTML 1Page - AIC tech Inc. FX3 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
FX3 Series
Life time graph
 Useful life depending on ambient temperature Ta
and ripple current operating conditions
Ⅰversus
rated ripple current at 85
℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Ta=85
Ta=60
Ta=40
Series
FX3
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
2,200
51
×96
0.20
8.4
46
48
21
FX32G222YC096
2,700
51
×115
0.20
10.0
38
40
21
FX32G272YC115
3,300
51
×130
0.20
11.6
30
32
21
FX32G332YC130
3,900
64
×96
0.20
12.3
26
28
22
FX32G392YD096
4,700
64
×115
0.20
14.5
21
22
22
FX32G472YD115
5,600
64
×130
0.20
16.6
18
19
22
FX32G562YD130
6,800
64
×155
0.20
19.7
15
15
22
FX32G682YD155
77
×115
0.20
18.5
15
15
24
FX32G682YE115
8,200
77
×130
0.20
21.2
12
15
24
FX32G822YE130
10,000
77
×155
0.20
25.1
10
15
24
FX32G103YE155
12,000
77
×195
0.20
30.3
8
13
24
FX32G123YE195
15,000
90
×171
0.20
34.0
8
10
24
FX32G153YF171
18,000
90
×196
0.20
39.4
6
9
24
FX32G183YF196
22,000
90
×236
0.20
47.0
6
8
24
FX32G223YF236
450
1,800
51
×96
0.20
7.2
71
73
21
FX32W182YC096
2,200
51
×115
0.20
8.6
58
60
21
FX32W222YC115
2,700
51
×130
0.20
10.1
47
49
21
FX32W272YC130
3,300
64
×96
0.20
10.8
39
41
22
FX32W332YD096
3,900
64
×115
0.20
12.6
33
35
22
FX32W392YD115
4,700
64
×130
0.20
14.6
27
29
22
FX32W472YD130
5,600
64
×155
0.20
17.1
23
25
22
FX32W562YD155
77
×115
0.20
16.0
23
25
24
FX32W562YE115
6,800
77
×130
0.20
18.5
19
21
24
FX32W682YE130
8,200
77
×155
0.20
21.8
16
18
24
FX32W822YE155
77
×171
0.20
22.7
16
18
24
FX32W822YE171
10,000
90
×157
0.20
25.7
13
15
24
FX32W103YF157
12,000
90
×171
0.20
29.1
11
13
24
FX32W123YF171
15,000
90
×196
0.20
34.4
9
11
24
FX32W153YF196
18,000
90
×236
0.20
40.7
8
10
24
FX32W183YF236
500
1,200
51
×96
0.20
6.3
92
100
21
FX32H122YC096
1,500
51
×115
0.20
7.6
74
80
21
FX32H152YC115
1,800
51
×130
0.20
8.7
53
50
21
FX32H182YC130
2,200
64
×96
0.20
9.4
40
35
22
FX32H222YD096
2,700
64
×130
0.20
11.7
37
33
22
FX32H272YD130
3,300
64
×155
0.20
13.9
36
32
22
FX32H332YD155
77
×115
0.20
13.1
36
32
24
FX32H332YE115
3,900
77
×130
0.20
14.9
27
29
24
FX32H392YE130
4,700
77
×155
0.20
17.5
25
25
24
FX32H472YE155
5,600
77
×171
0.20
19.9
23
21
24
FX32H562YE171
90
×131
0.20
19.1
23
21
24
FX32H562YF131
6,800
77
×195
0.20
23.2
20
18
24
FX32H682YE195
90
×157
0.20
22.5
20
18
24
FX32H682YF157
8,200
90
×171
0.20
25.6
17
16
24
FX32H822YF171
10,000
90
×196
0.20
29.9
15
14
24
FX32H103YF196
12,000
90
×236
0.20
35.3
13
12
24
FX32H123YF236



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com