Electronic Components Datasheet Search
  English  ▼

X  

FXA Datasheet(PDF) 2 Page - AIC tech Inc.

Part # FXA
Description  Useful of 8,000 hours at 85ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FXA Datasheet(HTML) 2 Page - AIC tech Inc.

  FXA Datasheet HTML 1Page - AIC tech Inc. FXA Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
FXA Series
Life time graph
 Useful life depending on ambient temperature Ta and
ripple current operating conditions
Ⅰversus rated ripple
current at 85
℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Ta=85
℃
Ta=60
℃
Ta=40
℃
Series
FXA
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
350
1,200
51
×75
0.15
5.5
85
88
21
FXA2V122YC075PH
1,500
51
×75
0.15
6.1
68
70
21
FXA2V152YC075PH
1,800
51
×96
0.15
7.4
57
59
21
FXA2V182YC096PH
2,200
51
×96
0.15
8.2
46
48
21
FXA2V222YC096PH
2,700
51
×130
0.15
10.2
38
40
21
FXA2V272YC130PH
3,300
51
×130
0.15
11.3
30
32
21
FXA2V332YC130PH
3,900
64
×115
0.15
12.8
26
28
22
FXA2V392YD115PH
4,700
64
×130
0.15
14.8
21
22
22
FXA2V472YD130PH
5,600
64
×155
0.15
17.3
18
19
22
FXA2V562YD155PH
77
×115
0.15
16.3
18
19
24
FXA2V562YE115PH
6,800
64
×195
0.15
21.1
15
15
22
FXA2V682YD195PH
77
×130
0.15
18.8
15
15
24
FXA2V682YE130PH
8,200
77
×155
0.15
22.1
12
15
24
FXA2V822YE155PH
10,000
90
×157
0.15
25.9
10
15
24
FXA2V103YF157PH
12,000
90
×157
0.15
28.4
8
13
24
FXA2V123YF157PH
15,000
90
×196
0.15
34.6
7
10
24
FXA2V153YF196PH
18,000
90
×236
0.15
41.1
7
10
24
FXA2V183YF236PH
400
1,000
51
×75
0.15
5.0
102
105
21
FXA2G102YC075PH
1,200
51
×75
0.15
5.5
85
88
21
FXA2G122YC075PH
1,500
51
×96
0.15
6.7
68
70
21
FXA2G152YC096PH
1,800
51
×96
0.15
7.4
57
58
21
FXA2G182YC096PH
2,200
51
×130
0.15
9.2
46
48
21
FXA2G222YC130PH
2,700
64
×96
0.15
9.9
38
40
22
FXA2G272YD096PH
3,300
64
×115
0.15
11.8
30
32
22
FXA2G332YD115PH
3,900
64
×130
0.15
13.5
26
28
22
FXA2G392YD130PH
4,700
64
×155
0.15
15.9
21
22
22
FXA2G472YD155PH
77
×115
0.15
14.9
21
22
24
FXA2G472YE115PH
5,600
64
×195
0.15
19.1
18
19
22
FXA2G562YD195PH
77
×130
0.15
17.0
18
19
24
FXA2G562YE130PH
6,800
77
×155
0.15
20.2
15
15
24
FXA2G682YE155PH
8,200
90
×157
0.15
23.5
12
15
24
FXA2G822YF157PH
10,000
90
×157
0.15
25.9
10
15
24
FXA2G103YF157PH
12,000
90
×196
0.15
31.0
8
13
24
FXA2G123YF196PH
15,000
90
×236
0.15
37.5
8
10
24
FXA2G153YF236PH
450
1,000
51
×75
0.15
5.0
102
105
21
FXA2W102YC075PH
1,200
51
×96
0.15
6.0
85
88
21
FXA2W122YC096PH
1,500
51
×115
0.15
7.2
68
70
21
FXA2W152YC115PH
1,800
51
×130
0.15
8.3
56
58
21
FXA2W182YC130PH
2,200
64
×96
0.15
9.0
46
48
22
FXA2W222YD096PH
2,700
64
×115
0.15
10.7
38
40
22
FXA2W272YD115PH
3,300
64
×130
0.15
12.4
30
35
22
FXA2W332YD130PH
3,900
64
×155
0.15
14.5
27
32
22
FXA2W392YD155PH
77
×115
0.15
13.6
27
32
24
FXA2W392YE115PH
4,700
64
×195
0.15
17.5
21
21
22
FXA2W472YD195PH
77
×130
0.15
15.6
21
21
24
FXA2W472YE130PH
5,600
77
×155
0.15
18.3
20
20
24
FXA2W562YE155PH
6,800
90
×157
0.15
21.4
18
18
24
FXA2W682YF157PH
8,200
90
×157
0.15
23.5
15
15
24
FXA2W822YF157PH
10,000
90
×196
0.15
28.3
12
15
24
FXA2W103YF196PH
12,000
90
×236
0.15
33.6
9
12
24
FXA2W123YF236PH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com