Electronic Components Datasheet Search
  English  ▼

X  

FXW Datasheet(PDF) 2 Page - AIC tech Inc.

Part # FXW
Description  Useful of 8,000 hours at 85ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FXW Datasheet(HTML) 2 Page - AIC tech Inc.

  FXW Datasheet HTML 1Page - AIC tech Inc. FXW Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
FXW Series
Life time graph
 Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 85℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Ta=85
℃
Ta=70
℃
Ta=60
℃
Ta=40
℃
Series
FXW
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
350
13,000
77
×155
0.70
12.8
25
26
26
FXW2V133YE155PH
17,000
77
×195
0.70
16.1
19
20
26
FXW2V173YE195PH
90
×157
0.70
15.6
19
20
26
FXW2V173YF157PH
22,000
77
×235
0.70
19.8
17
18
26
FXW2V223YE235PH
24,000
90
×196
0.70
20.3
16
18
26
FXW2V243YF196PH
30,000
90
×236
0.70
24.5
12
13
26
FXW2V303YF236PH
101
×195
0.70
23.5
12
13
36
FXW2V303YG195PH
38,000
101
×237
0.70
28.6
10
12
36
FXW2V383YG237PH
400
11,000
77
×155
0.70
11.8
31
32
26
FXW2G113YE155PH
13,000
77
×195
0.70
14.1
26
27
26
FXW2G133YE195PH
15,000
90
×157
0.70
14.7
23
24
26
FXW2G153YF157PH
16,000
77
×235
0.70
16.9
21
22
26
FXW2G163YE235PH
19,000
90
×196
0.70
18.1
21
22
26
FXW2G193YF196PH
24,000
90
×236
0.70
21.9
17
18
26
FXW2G243YF236PH
101
×195
0.70
21.0
17
18
36
FXW2G243YG195PH
30,000
101
×237
0.70
25.4
13
14
36
FXW2G303YG237PH
450
9,000
77
×155
0.70
10.6
38
39
26
FXW2W902YE155PH
11,000
77
×195
0.70
12.9
31
32
26
FXW2W113YE195PH
12,000
90
×157
0.70
13.1
28
29
26
FXW2W123YF157PH
14,000
77
×235
0.70
15.8
25
27
26
FXW2W143YE235PH
16,000
90
×196
0.70
16.6
23
25
26
FXW2W163YF196PH
20,000
90
×236
0.70
20.0
19
20
26
FXW2W203YF236PH
101
×195
0.70
19.2
19
20
36
FXW2W203YG195PH
25,000
101
×237
0.70
23.2
17
18
36
FXW2W253YG237PH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com