Electronic Components Datasheet Search
  English  ▼

X  

FXW2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # FXW2
Description  Useful of 4,000 hours at 85ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FXW2 Datasheet(HTML) 2 Page - AIC tech Inc.

  FXW2 Datasheet HTML 1Page - AIC tech Inc. FXW2 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
FXW2 Series
Life time graph
Useful life depending on ambient temperature Ta and ripple current operating condition
Ⅰversus rated ripple current at 85℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
2.5
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 85℃)
Ta=70
℃
Ta=60
℃
Ta=40
℃
Series
Ta=85
℃
FXW2
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
13,000
77
×148
0.70
13.0
26
27
24
FXW22G133YE148
17,000
77
×188
0.70
16.0
20
21
24
FXW22G173YE188
18,000
90
×150
0.70
16.4
19
20
24
FXW22G183YF150
21,000
77
×228
0.70
19.3
17
18
24
FXW22G213YE228
24,000
90
×190
0.70
20.2
15
16
24
FXW22G243YF190
30,000
90
×230
0.70
24.3
12
13
24
FXW22G303YF230
34,000
90
×268
0.70
27.8
10
11
24
FXW22G343YF268



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com