Electronic Components Datasheet Search
  English  ▼

X  

GX2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # GX2
Description  Useful of 8,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

GX2 Datasheet(HTML) 2 Page - AIC tech Inc.

  GX2 Datasheet HTML 1Page - AIC tech Inc. GX2 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
GX2 Series
Life time graph
 Useful life depending on ambient temperature Ta
and ripple current operating conditions
Ⅰversus rated
ripple current at 105
℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=105
℃
Ta=85
℃
Ta=60
℃
Ta=40
℃
Series
GX2
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
1,200
51
×75
0.15
4.2
65
70
21
GX22G122YC075
1,500
51
×96
0.15
5.2
53
55
21
GX22G152YC096
1,800
51
×115
0.15
6.1
44
44
21
GX22G182YC115
2,200
51
×130
0.15
7.1
42
45
21
GX22G222YC130
2,700
64
×96
0.15
7.6
38
40
22
GX22G272YD096
3,300
64
×115
0.15
9.0
30
35
22
GX22G332YD115
3,900
64
×130
0.15
10.3
27
32
22
GX22G392YD130
4,700
64
×155
0.15
12.2
22
23
22
GX22G472YD155
77
×115
0.15
11.4
22
23
24
GX22G472YE115
5,600
64
×170
0.15
13.8
20
21
22
GX22G562YD170
77
×130
0.15
13.1
20
23
24
GX22G562YE130
6,800
77
×155
0.15
15.4
18
18
24
GX22G682YE155
90
×131
0.15
15.4
18
18
24
GX22G682YF131
8,200
77
×195
0.15
18.6
15
17
24
GX22G822YE195
10,000
90
×171
0.15
20.5
12
15
24
GX22G103YF171
450
1,000
51
×75
0.15
3.8
70
75
21
GX22W102YC075
1,200
51
×96
0.15
4.6
65
70
21
GX22W122YC096
1,500
51
×115
0.15
5.5
53
55
21
GX22W152YC115
1,800
51
×130
0.15
6.4
44
45
21
GX22W182YC130
2,200
64
×96
0.15
6.9
42
42
22
GX22W222YD096
2,700
64
×115
0.15
8.2
42
42
22
GX22W272YD115
77
×96
0.15
8.1
42
42
24
GX22W272YE096
3,300
77
×115
0.15
9.6
35
40
24
GX22W332YE115
3,900
64
×170
0.15
11.6
27
32
22
GX22W392YD170
4,700
64
×195
0.15
13.4
24
27
22
GX22W472YD195
5,600
77
×171
0.15
14.6
24
23
24
GX22W562YE171
6,800
90
×157
0.15
16.5
20
20
24
GX22W682YF157
8,200
90
×171
0.15
18.7
18
18
24
GX22W822YF171
500
1,000
51
×130
0.20
4.5
112
120
21
GX22H102YC130
1,200
64
×115
0.20
5.2
93
100
22
GX22H122YD115
1,500
64
×130
0.20
6.1
74
80
22
GX22H152YD130
1,800
77
×115
0.20
6.7
62
50
24
GX22H182YE115
2,200
77
×130
0.20
7.8
53
50
24
GX22H222YE130
2,700
77
×155
0.20
9.3
40
35
24
GX22H272YE155
3,300
77
×155
0.20
10.2
38
32
24
GX22H332YE155
3,900
90
×157
0.20
11.9
30
27
24
GX22H392YF157
4,700
90
×171
0.20
13.5
25
20
24
GX22H472YF171
5,600
90
×196
0.20
15.5
20
17
24
GX22H562YF196
6,800
90
×236
0.20
18.5
17
17
24
GX22H682YF236



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com