Electronic Components Datasheet Search
  English  ▼

X  

GX3 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # GX3
Description  Useful of 8,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

GX3 Datasheet(HTML) 2 Page - AIC tech Inc.

  GX3 Datasheet HTML 1Page - AIC tech Inc. GX3 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
GX3 Series
Life time graph
 Useful life depending on ambient temperature Ta and
ripple current operating conditions
Ⅰversus rated ripple
current at 105
℃,120Hz
Series
GX3
Ta=40
℃
Ta=60
℃
Ta=85
℃
Ta=105
℃
1,000,000
100,000
10,000
1,000
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
1,800
51
×96
0.20
6.5
44
44
21
GX32G182YC096
2,200
51
×115
0.20
7.7
42
44
21
GX32G222YC115
2,700
51
×130
0.20
9.0
38
40
21
GX32G272YC130
3,300
51
×155
0.20
10.7
30
35
21
GX32G332YC155
3,900
64
×115
0.20
11.3
27
32
22
GX32G392YD115
4,700
64
×130
0.20
13.0
22
23
22
GX32G472YD130
77
×96
0.20
12.3
22
23
24
GX32G472YE096
5,600
77
×115
0.20
14.4
20
21
24
GX32G562YE115
6,800
77
×130
0.20
16.6
18
18
24
GX32G682YE130
8,200
77
×171
0.20
20.3
15
17
24
GX32G822YE171
10,000
90
×157
0.20
23.0
12
15
24
GX32G103YF157
12,000
90
×171
0.20
26.1
10
11
24
GX32G123YF171
450
1,500
51
×96
0.20
4.9
53
55
21
GX32W152YC096
1,800
51
×115
0.20
5.8
44
45
21
GX32W182YC115
2,200
51
×130
0.20
6.7
42
44
21
GX32W222YC130
2,700
64
×96
0.20
7.3
40
42
22
GX32W272YD096
3,300
64
×130
0.20
9.1
35
35
22
GX32W332YD130
3,900
77
×96
0.20
9.3
27
32
24
GX32W392YE096
4,700
64
×155
0.20
11.6
24
27
22
GX32W472YD155
5,600
77
×130
0.20
12.5
22
23
24
GX32W562YE130
6,800
77
×155
0.20
14.7
20
20
24
GX32W682YE155
90
×130
0.20
14.6
20
20
24
GX32W682YF130
8,200
90
×157
0.20
17.3
18
18
24
GX32W822YF157
10,000
90
×171
0.20
19.7
15
15
24
GX32W103YF171



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com