Electronic Components Datasheet Search
  English  ▼

X  

HCGW2 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # HCGW2
Description  Useful of 4,000 hours at 85ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGW2 Datasheet(HTML) 1 Page - AIC tech Inc.

  HCGW2 Datasheet HTML 1Page - AIC tech Inc. HCGW2 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Type of series
(Example) HCGW2 Series 400V 18,000
μF±20%
HCGW2
183 Y F 150 PH
Sealing code
Case height code
Case dia code
Type of bracket code
Capacitance code
Rated voltage code
2G
Bracket
• Refer to page 22-23 for shapes and dimensions.
• Product names in the Standard Products Table correspond to the bracket
for Type Y, but Type
Ⅰbracket may be used (Type of bracket code =Ⅰ).
• If bracket are not necessary, enter
“N”for type of bracket code.
• Bracket will be delivered separately.
• Conform RoHS
Features
• Capacitance is increased by around 20%, of
conventional HCGWA series through development
of etched foil technology.
• The correspondence size has been expanded to
φ90×268L.
HCGW2 Series
Product Specifications
Product code
Dimensions
Terminal allowance current : 100Arms for M6
Please use this type of capacitor at a terminal current below the
permissible.
(unit
:mm)
φDP
T
φd
Hexagon-
head bolt
Cap material
77
31.5
9.0
12.0
M6
×12
Phenol resin
90
31.5
8.0
12.0
M6
×12
Phenol resin
L±2
T±1
φD±1
Vent
Insulation plate
Insulation sleeve
Hexagon-head bolt
Ripple current correction coefficient
Temperature (
℃)
40
60
70
85
Correction coefficient
2.2
1.9
1.6
1.0
Frequency (Hz)
120
300
1k
≧10k
Correction coefficient
1.0
1.1
1.3
1.4
Refer to page 21 for product code.
Items
Specifications
Temperature range
−10℃∼ +85℃
Rated voltage
400
∼ 500V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.01CV (
μA) or 7mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard products table.
(85℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 85
℃ for 2,000 hours :
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 85
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
UPGRADE!
HCGWA
→
P.70
Small-size
HCGW2


Similar Part No. - HCGW2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGW3 AICTECH-HCGW3 Datasheet
72Kb / 2P
Useful of 4,000 hours at 70ºC
HCGW32G163YE148 AICTECH-HCGW32G163YE148 Datasheet
72Kb / 2P
Useful of 4,000 hours at 70ºC
HCGW32G173YE165 AICTECH-HCGW32G173YE165 Datasheet
72Kb / 2P
Useful of 4,000 hours at 70ºC
HCGW32G203YE188 AICTECH-HCGW32G203YE188 Datasheet
72Kb / 2P
Useful of 4,000 hours at 70ºC
HCGW32G223YF150 AICTECH-HCGW32G223YF150 Datasheet
72Kb / 2P
Useful of 4,000 hours at 70ºC
More results

Similar Description - HCGW2

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
FXW2 AICTECH-FXW2 Datasheet
73Kb / 2P
Useful of 4,000 hours at 85ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
HCGF6A AICTECH-HCGF6A Datasheet
65Kb / 2P
Useful of 4,000 hours at 85ºC
HCGWA AICTECH-HCGWA Datasheet
71Kb / 2P
Useful of 4,000 hours at 85ºC
HP3 AICTECH-HP3 Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HXA AICTECH-HXA Datasheet
65Kb / 2P
Useful of 20,000 hours at 85ºC
VF0J334YD094 AICTECH-VF0J334YD094 Datasheet
95Kb / 6P
Useful of 4,000 hours at 85ºC
VFLR AICTECH-VFLR Datasheet
86Kb / 3P
Useful of 8,000 hours at 85ºC
VFR AICTECH-VFR Datasheet
82Kb / 3P
Useful of 4,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com