Electronic Components Datasheet Search
  English  ▼

X  

AD9287 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9287
Description  Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9287 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9287 Datasheet HTML 35Page - Analog Devices AD9287 Datasheet HTML 36Page - Analog Devices AD9287 Datasheet HTML 37Page - Analog Devices AD9287 Datasheet HTML 38Page - Analog Devices AD9287 Datasheet HTML 39Page - Analog Devices AD9287 Datasheet HTML 40Page - Analog Devices AD9287 Datasheet HTML 41Page - Analog Devices AD9287 Datasheet HTML 42Page - Analog Devices AD9287 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AD9287
Rev. 0 | Page 39 of 52
CW
EXTERNAL VARIABLE GAIN DRIVE
VARIABLE GAIN CIRCUIT
(0V TO 1.0V DC)
R319
10kΩ
1
2
GND
VG
R320
39kΩ
VG
AVDD_5V
R315
10kΩ
L310
120nH
C322
0.018µF
C317
0.018µF
R316
274Ω
R317
274Ω
C312
0.1µF
C325
0.1µF
C313
0.1µF
C314
0.1µF
L309
120nH
C318
22pF
C321
0.1µF
C320
0.1µF
C316
0.1µF
R318
10kΩ
C323
22pF
C319
0.1µF
C324
0.1µF
INH4
INH3
C326
10µF
C315
10µF
C311
0.1µF
R312
10kΩ
R313
10kΩ
DNP
C303
DNP
L304
0Ω
R303
DNP
L308
0Ω
R304
DNP
L306
0Ω
L305
0Ω
L302
0Ω
L303
0Ω
L307
0Ω
C308
0.1µF
C307
0.1µF
C306
0.1µF
C305
0.1µF
R310
187Ω
R309
187Ω
R308
187Ω
R307
187Ω
C302
DNP
L301
0Ω
C301
DNP
R305
374Ω
R306
374Ω
C304
DNP
R301
DNP
R302
DNP
31
10
26
25
14
27
32
9
15
16 VG
28
13
29
12
30
11
COM1
COM2
ENBL
ENBV
GAIN
HILO
LOP1
LOP2
MODE
RCLMP
VCM1
VCM2
VIN1
VIN2
VIP1
VIP2
AD8332
R311
10kΩ
DNP
R314
10kΩ
DNP
C310
0.1µF
C309
1000pF
U301
POPULATE L301 TO L308 WITH
0Ω RESISTORS OR DESIGN
YOUR OWN FILTER.
DNP: DO NOT POPULATE
Figure 65. Evaluation Board Schematic, Optional DUT Analog Input Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com