Electronic Components Datasheet Search
  English  ▼

X  

AD9389 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9389
Description  800 MHz High Performance HDMI/DVI Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9389 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9389 Datasheet HTML 9Page - Analog Devices AD9389 Datasheet HTML 10Page - Analog Devices AD9389 Datasheet HTML 11Page - Analog Devices AD9389 Datasheet HTML 12Page - Analog Devices AD9389 Datasheet HTML 13Page - Analog Devices AD9389 Datasheet HTML 14Page - Analog Devices AD9389 Datasheet HTML 15Page - Analog Devices AD9389 Datasheet HTML 16Page - Analog Devices AD9389 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AD9389
Rev. 0 | Page 13 of 48
YCbCr 4:2:2 Formats (24 bits, 20 bits, or 16 bits) DDR with Separate Sync, Input ID = 6
An input format of YCbCr 4:2:2 DDR can be selected by setting the input ID (0x15[3:1]) to 0b110. The three different input pin
assignment styles are shown in Table 16. The input style can be set in 0x16[3:2]. The input CS (0x16[0]) must be set to 0b1. The data bit
width (12 bits, 10 bits, or 8 bits) must be set to with 0x16[5:4].
The 1st or the 2nd edge can be the rising or falling edge. The data input edge is defined in 0x16[1]. 0b0 = rising edge; 0b1 = falling edge.
Pixel 0 is the first pixel of the 4:2:2 word and should be where DE starts.
Table 16.
Data[23:0]
Input Format
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Style 1
1st Edge
Y[7:4]
Cb[3:0]
Y[3:0]
1st Pixel
2nd
Edge
Cb[11:4]
Y[11:8]
Y[7:4]
Cr[3:0]
Y[3:0]
YCbCr 4:2:2 Sep.
Syncs (DDR)
12-bit
2nd Pixel
Cr[11:4]
Y[11:8]
Y[5:4]
Cb[3:0]
Y[3:0]
Cb[9:4]
Y[9:6]
Y[5:4]
Cr[3:0]
Y[3:0]
YCbCr 4:2:2 Sep.
Syncs (DDR)
10-bit
Cr[9:4]
Y[9:6]
Cb[3:0]
Y[3:0]
Cb[7:4]
Y[7:4]
Cr[3:0]
Y[3:0]
YCbCr 4:2:2 Sep.
Syncs (DDR)
8-bit
Cr[7:4]
Y[7:4]
Style 2
Y[11:0]
Cb[11:0]
Y[11:0]
12-bit
Cr[11:0]
Y[9:0]
Cb[9:0]
Y[9:0]
10-bit
Cr[9:0]
Y[7:0]
Cb[7:0]
Y[7:0]
8-bit
Cr[7:0]
Style 3
Cb[11:0]
Y[11:0]
Cr[11:0]
12-bit
Y[11:0]
Cb[9:0]
Y[9:0]
Cr[9:0]
10-bit
Y[9:0]
Cb[7:0]
Y[7:0]
Cr[7:0]
8-bit
Y[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com