Electronic Components Datasheet Search
  English  ▼

X  

AD9411 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9411
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9411 Datasheet HTML 2Page - Analog Devices AD9411 Datasheet HTML 3Page - Analog Devices AD9411 Datasheet HTML 4Page - Analog Devices AD9411 Datasheet HTML 5Page - Analog Devices AD9411 Datasheet HTML 6Page - Analog Devices AD9411 Datasheet HTML 7Page - Analog Devices AD9411 Datasheet HTML 8Page - Analog Devices AD9411 Datasheet HTML 9Page - Analog Devices AD9411 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD9411
Rev. A | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 4.
AD9411-170
AD9411-200
Parameter (Conditions)
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate1
Full
VI
170
200
MSPS
Minimum Conversion Rate
1
Full
V
40
40
MSPS
CLK+ Pulse Width High (tEH)
1
Full
IV
2
12.5
2
12.5
ns
CLK+ Pulse Width Low (tEL)
1
Full
IV
2
12.5
2
12.5
ns
OUTPUT (LVDS Mode)
Valid Time (tV)
Full
VI
2.0
2.0
ns
Propagation Delay (tPD)
Full
VI
3.2
4.3
3.2
4.3
ns
Rise Time (tR) (20% to 80%)
25°C
V
0.5
0.5
ns
Fall Time (tF) (20% to 80%)
25°C
V
0.5
0.5
ns
DCO Propagation Delay (tCPD)
Full
VI
1.8
2.7
3.8
1.8
2.7
3.8
ns
Data to DCO Skew (tPD–tCPD)
Full
IV
0.2
0.5
0.8
0.2
0.5
0.8
ns
Latency
Full
IV
14
14
Cycles
Aperture Delay (tA)
25°C
V
1.2
1.2
ns
Aperture Uncertainty (Jitter, tJ)
25°C
V
0.25
0.25
ps
rms
Out-of-Range Recovery Time
25°C
V
1
1
Cycles
1 All ac specifications tested by driving CLK+ and CLK– differentially.
EXPLANATION OF TEST LEVELS
I. 100% production tested.
II. 100% production tested at 25°C and sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
CLK+
AIN
tEH
tEL
tPD
tCPD
1/fS
DCO+
DCO–
N–1
N–14
N–13
N
14 CYCLES
N+1
N+1
N
CLK–
DATA OUT
Figure 2. LVDS Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com