Electronic Components Datasheet Search
  English  ▼

X  

AD12401 Datasheet(PDF) 11 Page - Analog Devices

Part # AD12401
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD12401 Datasheet HTML 7Page - Analog Devices AD12401 Datasheet HTML 8Page - Analog Devices AD12401 Datasheet HTML 9Page - Analog Devices AD12401 Datasheet HTML 10Page - Analog Devices AD12401 Datasheet HTML 11Page - Analog Devices AD12401 Datasheet HTML 12Page - Analog Devices AD12401 Datasheet HTML 13Page - Analog Devices AD12401 Datasheet HTML 14Page - Analog Devices AD12401 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD12401
Rev. A | Page 11 of 28
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4
VC
Digital Supply, 3.3 V.
5
RESET
LVTTL. 0 = device reset. Minimum width = 200 ns. Device resumes operation after 600 ms maximum.
6 to 9, 11, 13 ,15,
49 to 52, 79, 96 to
102, 104 to108
DNC
Do Not Connect.
10
DRB
Channel B Data Ready. Complement output.
12
DRB
Channel B Data Ready. True output.
14
OROUT
Overrange. Complement output.
16
OROUT
Overrange. True Output 1 = overranged, 0 = normal operation.
17
DB11
Channel B Data Bit 11. Complement output bit.
18
DB10
Channel B Data Bit 10. Complement output bit.
19
DB11
Channel B Data Bit 11. True output bit.
20
DB10
Channel B Data Bit 10. True output bit.
21
DB9
Channel B Data Bit 9. Complement output bit.
22
DB8
Channel B Data Bit 8. Complement output bit.
23
DB9
Channel B Data Bit 9. True output bit.
24
DB8
Channel B Data Bit 8. True output bit.
25
DB7
Channel B Data Bit 7. Complement output bit.
26
DB6
Channel B Data Bit 6. Complement output bit.
27
DB7
Channel B Data Bit 7. True output bit.
28
DB6
Channel B Data Bit 6. True output bit.
29
DB5
Channel B Data Bit 5. Complement output bit.
30
DB4
Channel B Data Bit 4. Complement output bit.
31
DB5
Channel B Data Bit 5. True output bit.
32
DB4
Channel B Data Bit 4. True output bit.
33
DB3
Channel B Data Bit 3. Complement output bit.
34
DB2
Channel B Data Bit 2. Complement output bit.
35
DB3
Channel B Data Bit 3. True output bit.
36
DB2
Channel B Data Bit 2. True output bit.
37
DB1
Channel B Data Bit 1. Complement output bit.
38
DB0
Channel B Data Bit 0. Complement output bit. DB0 is LSB.
39
DB1
Channel B Data Bit 1. True output bit.
40
DB0
Channel B Data Bit 0. True output bit. DB0 is LSB.
41 to 48
VD
Digital Supply, 1.5 V.
53
DA11
Channel A Data Bit 11. Complement output bit.
54
DA10
Channel A Data Bit 10. Complement output bit.
55
DA11
Channel A Data Bit 11. True output bit.
56
DA10
Channel A Data Bit 10. True output bit.
57
DA9
Channel A Data Bit 9. Complement output bit.
58
DA8
Channel A Data Bit 8. Complement output bit.
59
DA9
Channel A Data Bit 9. True output bit.
60
DA8
Channel A Data Bit 8. True output bit.
61
DA7
Channel A Data Bit 7. Complement output bit.
62
DA6
Channel A Data Bit 6. Complement output bit.
63
DA7
Channel A Data Bit 7. True output bit.
64
DA6
Channel A Data Bit 6. True output bit.
65
DA5
Channel A Data Bit 5. Complement output bit.
66
DA4
Channel A Data Bit 4. Complement output bit.
67
DA5
Channel A Data Bit 5. True output bit.
68
DA4
Channel A Data Bit 4. True output bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com