Electronic Components Datasheet Search
  English  ▼

X  

AD7676 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7676
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7676 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7676 Datasheet HTML 13Page - Analog Devices AD7676 Datasheet HTML 14Page - Analog Devices AD7676 Datasheet HTML 15Page - Analog Devices AD7676 Datasheet HTML 16Page - Analog Devices AD7676 Datasheet HTML 17Page - Analog Devices AD7676 Datasheet HTML 18Page - Analog Devices AD7676 Datasheet HTML 19Page - Analog Devices AD7676 Datasheet HTML 20Page - Analog Devices AD7676 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD7612
Rev. 0 | Page 17 of 32
THEORY OF OPERATION
SWA
SWB
IN+
REF
REFGND
LSB
MSB
32,768C
IN–
16,384C
4C
2C
C
C
65,536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
CNVST
COMP
Figure 25. ADC Simplified Schematic
OVERVIEW
The AD7612 is a very fast, low power, precise, 16-bit analog-to-
digital converter (ADC) using successive approximation capacitive
digital-to-analog (CDAC) architecture.
The AD7612 can be configured at any time for one of four input
ranges and conversion mode with inputs in parallel and serial
hardware modes or by a dedicated write only, SPI-compatible
interface via a configuration register in serial software mode.
The AD7612 uses Analog Device’s patented iCMOS high voltage
process to accommodate 0 to 5 V, 0 to 10 V, ±5 V, and ±10 V
input ranges without the use of conventional thin films. Only
one acquisition cycle, t8, is required for the inputs to latch to the
correct configuration. Resetting or power cycling is not
required for reconfiguring the ADC.
The AD7612 features different modes to optimize performance
according to the applications. It is capable of converting 750,000
samples per second (750 kSPS) in warp mode, 600 kSPS in normal
mode, and 500 kSPS in impulse mode.
The AD7612 provides the user with an on-chip track-and-hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
For unipolar input ranges, the AD7612 typically requires three
supplies; VCC, AVDD (which can supply DVDD), and OVDD
which can be interfaced to either 5 V, 3.3 V, or 2.5 V digital logic.
For bipolar input ranges, the AD7612 requires the use of the
additional VEE supply.
The device is housed in Pb-free, 48-lead LQFP or tiny LFCSP
7 mm × 7 mm packages that combine space savings with flexi-
bility. In addition, the AD7612 can be configured as either a
parallel or serial SPI-compatible interface.
CONVERTER OPERATION
The AD7612 is a successive approximation ADC based on a
charge redistribution DAC. Figure 25 shows the simplified
schematic of the ADC. The CDAC consists of two identical
arrays of 16 binary weighted capacitors, which are connected
to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW−.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on IN+ and IN− inputs. A conversion
phase is initiated once the acquisition phase is complete and the
CNVST input goes low. When the conversion phase begins, SW+
and SW− are opened first. The two capacitor arrays are then
disconnected from the inputs and connected to the REFGND
input. Therefore, the differential voltage between the inputs
(IN+ and IN−) captured at the end of the acquisition phase is
applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between REFGND and REF, the comparator input varies
by binary weighted voltage steps (VREF/2, VREF/4 through VREF/
65536). The control logic toggles these switches, starting with
the MSB first, in order to bring the comparator back into a
balanced condition.
After the completion of this process, the control logic generates
the ADC output code and brings the BUSY output low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com