Electronic Components Datasheet Search
  English  ▼

X  

AD7621 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7621
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7621 Datasheet HTML 4Page - Analog Devices AD7621 Datasheet HTML 5Page - Analog Devices AD7621 Datasheet HTML 6Page - Analog Devices AD7621 Datasheet HTML 7Page - Analog Devices AD7621 Datasheet HTML 8Page - Analog Devices AD7621 Datasheet HTML 9Page - Analog Devices AD7621 Datasheet HTML 10Page - Analog Devices AD7621 Datasheet HTML 11Page - Analog Devices AD7621 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7612
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
AVDD
AGND
BYTESWAP
OB/2C
SER/PAR
D0
D1
D2/DIVSCLK[0]
D3/DIVSCLK[1]
IMPULSE
WARP
BIPOLAR
CNVST
PD
RESET
CS
RD
TEN
BUSY
D15/SCCS
D14/SCCLK
D13/SCIN
D12/HW/SW
48 47 46
45 44 43 42
41 40 39 38 37
35
34
33
30
31
32
36
29
28
27
25
26
2
3
4
7
6
5
1
8
9
10
12
11
13 14
15
16
17 18 19
20 21 22
23 24
PIN 1
AD7612
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 3, 42
AGND
P
Analog Power Ground Pins. Ground reference point for all analog I/O. All analog I/O should be
referenced to AGND and should be connected to the analog ground plane of the system. In addition,
the AGND, DGND, and OGND voltages should be at the same potential.
2, 44
AVDD
P
Analog Power Pins. Nominally 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors.
4
BYTESWAP
DI
Parallel Mode Selection (8-Bit/16-Bit). When high, the LSB is output on D[15:8] and the MSB is output
on D[7:0]; when low, the LSB is output on D[7:0] and the MSB is output on D[15:8].
5
OB/2C
DI2
Straight Binary/Binary Twos Complement Output. When high, the digital output is straight binary.
When low, the MSB is inverted resulting in a twos complement output from its internal shift register.
6
WARP
DI2
Conversion Mode Selection. Used in conjunction with the IMPULSE input per the following:
Conversion Mode
WARP
IMPULSE
Normal
Low
Low
Impulse
Low
High
Warp
High
Low
Normal
High
High
See the Modes of Operation section for a more detailed description.
7
IMPULSE
DI2
Conversion Mode Selection. See the WARP pin description in the previous row of this table. See the
Modes of Operation section for a more detailed description.
8
SER/PAR
DI
Serial/Parallel Selection Input.
When SER/PAR = low, the parallel mode is selected.
When SER/PAR = high, the serial modes are selected. Some bits of the data bus are used as a serial port
and the remaining data bits are high impedance outputs.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the parallel port data output bus. These pins are always outputs regardless of the
state of SER/PAR.
11, 12
D[2:3] or
DI/O
In parallel mode, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
DIVSCLK[0:1]
Serial Data Division Clock Selection. In serial master read after convert mode (SER/PAR = high, EXT/INT
= low, RDC/SDIN = low) these inputs can be used to slow down the internally generated serial data
clock that clocks the data output. In other serial modes, these pins are high impedance outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com