Electronic Components Datasheet Search
  English  ▼

X  

AP5P277 Datasheet(PDF) 1 Page - ABLE Power Products

Part # AP5P277
Description  Surge Protection for Protection of LED Drivers and Controls
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products

AP5P277 Datasheet(HTML) 1 Page - ABLE Power Products

  AP5P277 Datasheet HTML 1Page - ABLE Power Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ablepowerproducts.com | 8618 Phoenix Dr. Manassas, VA 20110 | 727.495.7796 | sales@ablepowerproducts.com
LED Driver Surge Protection BASIC
Surge Protection for Protection of LED Drivers and Controls
Features
• Small, Compact Footprint
• Series or Parallel Connection
• L-N, L-G, N-G Protection
• Safety Thermal Fusing
• 10-Year Product Warranty
Dimensional Drawing (in)
Wiring Diagram
Parallel
Series
MOV
MOV
MOV
PE Green
N in White
L in Black
L out Brown
LED
TCO
TCO
R
TCO
MOV
MOV
MOV
PE Green
N in White
L in Black
LED
TCO
TCO
R
TCO
HIGHWAY & STREET LIGHTING | PARKING LOTS & PATHWAYS | BUS & TRAIN DEPOT LIGHTING
DIGITAL SIGNS | PARKING GARAGES & TUNNELS
Product
Model
Operating
Voltage
I
n
I
MAX
U
oc
MCOV
Clamp
Voltage
Thermal
Fusing
•-Mode
Protection
Operating
Temperature
Series or Parallel
AP5P277
120V-277V
5kA
10kA
10kV
320V
1200V
•
•
-40°C to +70°C
Parallel
AP5S277
120V-277V
5kA
10kA
10kV
320V
1200V
•
•
-40°C to +70°C
Series
AP5P480
480V
5kA
10kA
10kV
550V
1500V
•
•
-40°C to +70°C
Parallel
AP5S480
480V
5kA
10kA
10kV
550V
1500V
•
•
-40°C to +70°C
Series
6.3Ó
2.75Ó
13 2
2/16/2023


Similar Part No. - AP5P277

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5P03LI APME-AP5P03LI Datasheet
847Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
AP5P04MI-L APME-AP5P04MI-L Datasheet
989Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP5P06MI APME-AP5P06MI Datasheet
1Mb / 7P
-60V P-Channel Enhancement Mode MOSFET
AP5P06MSI APME-AP5P06MSI Datasheet
1Mb / 7P
-60V P-Channel Enhancement Mode MOSFET
AP5P10MI APME-AP5P10MI Datasheet
970Kb / 7P
-100V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP5P277

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
Surge protection for instrumentation and control
logo
Littelfuse
AF0100 LITTELFUSE-AF0100 Datasheet
347Kb / 1P
Protection Relays and Controls
logo
Weidmuller
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
Surge protection for instrumentation and control
September 18, 2021
logo
Littelfuse
LSP05480P LITTELFUSE-LSP05480P Datasheet
479Kb / 3P
Surge Protection Module LED Lighting Surge Protection Module > LSP05
Revised: 11/04/19
LSP05GI240PX3316 LITTELFUSE-LSP05GI240PX3316 Datasheet
586Kb / 4P
Surge Protection Module LED Lighting Surge Protection Module > LSP05GI
Revised: 08/22/18
LSP10480P LITTELFUSE-LSP10480P Datasheet
598Kb / 3P
Surge Protection Module LED Lighting Surge Protection Module > LSP10
Revised: 12/03/19
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com