Electronic Components Datasheet Search
  English  ▼

X  

AD7622 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7622
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7622 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7622 Datasheet HTML 17Page - Analog Devices AD7622 Datasheet HTML 18Page - Analog Devices AD7622 Datasheet HTML 19Page - Analog Devices AD7622 Datasheet HTML 20Page - Analog Devices AD7622 Datasheet HTML 21Page - Analog Devices AD7622 Datasheet HTML 22Page - Analog Devices AD7622 Datasheet HTML 23Page - Analog Devices AD7622 Datasheet HTML 24Page - Analog Devices AD7622 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7612
Rev. 0 | Page 21 of 32
DRIVER AMPLIFIER CHOICE
Although the AD7612 is easy to drive, the driver amplifier must
meet the following requirements:
•
For multichannel, multiplexed applications, the driver
amplifier and the AD7612 analog input circuit must be
able to settle for a full-scale step of the capacitor array at
a 16-bit level (0.0015%). For the amplifier, settling at 0.1%
to 0.01% is more commonly specified. This differs signifi-
cantly from the settling time at a 16-bit level and should
be verified prior to driver selection. The AD8021 op amp
combines ultra-low noise and high gain bandwidth and
meets this settling time requirement even when used with
gains of up to 13.
•
The noise generated by the driver amplifier needs to be
kept as low as possible to preserve the SNR and transition
noise performance of the AD7612. The noise coming from
the driver is filtered by the external 1-pole low-pass filter
as shown in Figure 27. The SNR degradation due to the
amplifier is
() ⎟⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎝
⎛
π
+
=
−
2
3
2
2
log
20
N
dB
NADC
NADC
LOSS
Ne
f
V
V
SNR
where:
VNADC is the noise of the ADC, which is:
20
10
2
2
SNR
INp-p
NADC
V
V
=
f–3dB is the cutoff frequency of the input filter (3.9 MHz).
N is the noise factor of the amplifier (+1 in buffer
configuration).
eN is the equivalent input voltage noise density of the op
amp, in nV/√Hz.
•
The driver needs to have a THD performance suitable to
that of the AD7612. Figure 15 shows the THD vs. frequency
that the driver should exceed.
The AD8021 meets these requirements and is appropriate for
almost all applications. The AD8021 needs a 10 pF external
compensation capacitor that should have good linearity as an
NPO ceramic or mica type. Moreover, the use of a noninverting
+1 gain arrangement is recommended and helps to obtain the
best signal-to-noise ratio.
The AD8022 can also be used when a dual version is needed
and a gain of 1 is present. The AD829 is an alternative in appli-
cations where high frequency (above 100 kHz) performance is not
required. In applications with a gain of 1, an 82 pF compensation
capacitor is required. The AD8610 is an option when low bias
current is needed in low frequency applications.
Since the AD7612 uses a large geometry, high voltage input
switch, the best linearity performance is obtained when using
the amplifier at its maximum full power bandwidth. Gaining
the amplifier to make use of the more dynamic range of the
ADC results in increased linearity errors. For applications
requiring more resolution, the use of an additional amplifier
with gain should precede a unity follower driving the AD7612.
See Table 8 for a list of recommended op amps.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841-x
12 V supply, very low noise, low distortion,
low power, low frequency
AD829
±15 V supplies, very low noise, low frequency
AD8021
±12 V supplies, very low noise, high frequency
AD8022
±12 V supplies, very low noise, high
frequency, dual
AD8610/AD8620
±13 V supplies, low bias current, low
frequency, single/dual
VOLTAGE REFERENCE INPUT/OUTPUT
The AD7612 allows the choice of either a very low temperature
drift internal voltage reference, an external reference or an external
buffered reference.
The internal reference of the AD7612 provides excellent perfor-
mance and can be used in almost all applications. However, the
linearity performance is guaranteed only with an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com