Electronic Components Datasheet Search
  English  ▼

X  

BAS116H Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS116H
Description  Low leakage switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116H Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS116H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS116H
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 31 May 2011
2 of 10
Nexperia
BAS116H
Low leakage switching diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Pulse test: tp  300 s;  0.02.
[3]
Tj =25 C prior to surge.
[4]
Reflow soldering is the only recommended soldering method.
[5]
Soldering point of cathode tab.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS116H
-
plastic surface-mounted package; 2 leads
SOD123F
Table 4.
Marking codes
Type number
Marking code
BAS116H
B1
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-85
V
VR
reverse voltage
-
75
V
IF
forward current
[1][2] -215
mA
IFRM
repetitive peak forward
current
-500
mA
IFSM
non-repetitive peak forward
current
square wave
[3]
tp =1 s-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
Tamb  25 C
[1][4]
[5]
-375
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com