Electronic Components Datasheet Search
  English  ▼

X  

BAS21LD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS21LD
Description  High-voltage switching diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21LD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS21LD Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
BAS21LD
High-voltage switching diode
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating Sytem (IEC 60134)
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
250
V
VR
reverse voltage
-
200
V
IF
forward current
Tj = 25 °C
[1]
-
330
mA
tp = 1 µs; Tj(init) = 25 °C; square wave
-
9
A
tp = 100 µs; Tj(init) = 25 °C; square wave
-
3
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; Tj(init) = 25 °C; square wave
-
1.7
A
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ ≤ 0.25
-
900
mA
[1]
-
335
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
610
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated mounting pad for cathode 1cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
375
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
In free air
[2]
-
-
205
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
[3]
-
-
40
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated mounting pad for cathode 1cm2.
[3] Soldering point of cathode tab.
BAS21LD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
28 February 2018
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com