Electronic Components Datasheet Search
  English  ▼

X  

BAS321J Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS321J
Description  High-voltage switching diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS321J Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS321J Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS321J Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Nexperia
BAS321J
High-voltage switching diode
aaa-028260
VR (V)
0
120
160
200
40
80
10-4
IR
(A)
10-11
10-10
10-9
10-8
10-7
10-6
10-5
(1)
(2)
(3)
(4)
(1) Tamb = 150° C
(2) Tamb = 85° C
(3) Tamb = 25° C
(4) Tamb = -40° C
Fig. 5. Reverse current as a function of reverse
voltage; typical values
VR (V)
0
10
8
4
6
2
aaa-028261
0.2
0.4
0.6
Cd
(pF)
0
f = 1 MHz
Tj = 25 °C.
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values.
aaa-028262
tp (ms)
10-2
10
1
10-1
10
102
IFSM
(A)
1
Based on square wave currents
Tj(init) = 25 °C prior to surge
Fig. 7. Non-repetitive peak forward current as a function of pulse duration; maximum value
BAS321J
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
23 March 2018
6 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com