Electronic Components Datasheet Search
  English  ▼

X  

BAS21VD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS21VD
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21VD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS21VD Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21VD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BAS21VD
High-voltage switching diodes
BAS21VD
All information provided in this document is subject to legal disclaimers.
Product data sheet
1 August 2013
2 / 11
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K1
cathode (diode 1)
2
K2
cathode (diode 2)
3
K3
cathode (diode 3)
4
A3
anode (diode 3)
5
A2
anode (diode 2)
6
A1
anode (diode 1)
1
3
2
4
5
6
TSOP6 (SOT457)
006aab241
1
3
6
2
5
4
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
BAS21VD
TSOP6
plastic surface-mounted package (TSOP6); 6 leads
SOT457
7. Marking
Table 4.
Marking codes
Type number
Marking code
BAS21VD
B5
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse voltage
-
250
V
VR
reverse voltage
-
200
V
IF
forward current
pulsed; tp ≤ 300 µs; δ ≤ 0.02
[1]
-
200
mA
IFRM
repetitive peak forward current tp ≤ 1 ms; δ ≤ 25 %
-
1
A
tp = 10 µs; Tj(init) = 25 °C; square wave
-
16
A
tp = 100 µs; Tj(init) = 25 °C; square wave
-
8
A
IFSM
non-repetitive peak forward
current
tp = 10 ms; Tj(init) = 25 °C; square wave
-
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com