Electronic Components Datasheet Search
  English  ▼

X  

PZU3.0 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PZU3.0
Description  Zener diodes in a SOD323F package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZU3.0 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PZU3.0 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZU3.0 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
PZUxB series
Zener diodes in a SOD323F package
5. Pinning information
Table 2. Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym068
2
1
[1] The marking bar indicates the cathode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PZU2.4B to
PZU36B [1]
SC-90
plastic surface mounted package; 2 leads SOD323F
[1] The series consists of 97 types with nominal working voltages from 2.4 V to 36 V.
7. Marking
Table 4. Marking codes
Marking code
Marking code
Type number
B
B1
B2
B3
Type number
B
B1
B2
B3
PZU2.4
G3
-
-
-
PZU10
GJ
FH
HF
KB
PZU2.7
G4
F3
H1
-
PZU11
GK
FJ
HG
KC
PZU3.0
G5
F4
H2
-
PZU12
GL
FK
HH
KD
PZU3.3
G6
F5
H3
-
PZU13
GM
FL
HJ
KE
PZU3.6
G7
F6
H4
-
PZU14
-
-
HK
-
PZU3.9
G8
F7
H5
-
PZU15
GN
FM
HL
KF
PZU4.3
G9
F8
H6
HS
PZU16
GP
FN
HM
KG
PZU4.7
GA
F9
H7
HT
PZU18
GQ
FP
HN
KH
PZU5.1
GB
FA
H8
HU
PZU20
GR
FQ
HP
KJ
PZU5.6
GC
FB
H9
HV
PZU22
GS
FR
HQ
KK
PZU6.2
GD
FC
HA
HW
PZU24
GT
FS
HR
KL
PZU6.8
GE
FD
HB
HX
PZU27
GU
-
-
-
PZU7.5
GF
FE
HC
HY
PZU30
GV
-
-
-
PZU8.2
GG
FF
HD
HZ
PZU33
GW
-
-
-
PZU9.1
GH
FG
HE
KA
PZU36
GX
-
-
-
PZUXB_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 2 November 2020
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com