Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3755
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 3 Page - Analog Devices

  LT3755 Datasheet HTML 1Page - Analog Devices LT3755 Datasheet HTML 2Page - Analog Devices LT3755 Datasheet HTML 3Page - Analog Devices LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LT8355-1
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Voltage Regulators
INTVCC Regulation Voltage
PWM1,2 = 0V, IINTVCC = 1mA, 12V < VIN < 60V
7.35
7.5
7.65
V
INTVCC Line Regulation
PWM1,2 = 0V, 10 < VIN < 60V
0.75
3
mV/V
INTVCC Load Regulation
PWM1,2 = 0V, 1mA < IINTVCC < 30mA
2.25
4.5
mV/mA
INTVCC Current Limit
PWM1,2 = 0V, VIN = 12V, INTVCC = 7V
PWM1,2 = 0V, VIN = 60V, INTVCC = 7V
110
30
140
45
170
60
mA
mA
INTVCC Dropout Voltage
PWM1,2 = 0V, VIN = 5V, ILOAD = 10mA
250
mV
INTVCC Undervoltage Lockout Threshold
PWM1,2 = 0V, INTVCC Falling
4.3
V
VREF Voltage
IVREF = 0.5mA
l
1.97
2
2.02
V
VREF Load Regulation
IVREF = 0.1mA to 1mA
5
8
mV/mA
VREF Current Limit
VREF = 1.8V
2.5
3.2
4.0
mA
Channel 1, Channel 2 Current Regulation (Note 5)
ISP, ISN Common Mode Voltage Range
l
0
110
V
LED Current Sense Threshold (VISP – VISN)
CTRL1,2 = 2V, IADJ2 = 2V (100%), ISP1,2 = 100V
CTRL1,2 = 1V, IADJ2 = 2V (50%), ISP1,2 = 100V
CTRL1,2 = 0.6V, IADJ2 = 2V (10%), ISP1,2 = 100V
CTRL1,2 = 2V, IADJ2 = 2V (100%), ISN1,2 = 0V
l
l
l
245
120
20
240
250
125
25
250
255
130
30
260
mV
mV
mV
mV
LED2 Current Sense Threshold (VISP2 – VISN2)
CTRL2 = 2V, IADJ2 = 1V (50%), ISP = 100V
l
118
125
134
mV
SENSE Current Limit Threshold
(SENSEP − SENSEN)
50% Duty Cycle at GATE (Note 6)
l
95
108
120
mV
CTRL Off Threshold (Falling)
l
285
310
335
mV
IADJ2 Off Threshold (Falling)
500
mV
CTRL Off Hysteresis
30
mV
IADJ2 Off Hysteresis
20
mV
CTRL Pin Current
Current Out of Pin, CTRL1,2 = 0
20
nA
IADJ2 Pin Current
IADJ2 = 1.5V
0
nA
ISP, ISN Pin Current (Combined)
PWM1,2 = INTVCC, ISP1,2 = 100V (Active)
PWM1,2 = 0V, ISP1,2 = 100V (Standby)
600
20
25
µA
µA
Error Amp Transconductance
CTRL1,2 = 2V, IADJ2 = 2V (Full-Scale)
65
µS
Error Amp Output Resistance
15
MΩ
Channel 1, Channel 2 Output Voltage Regulation
FB Regulation Voltage (VFB)
CTRL1,2 = 2V, IADJ2 = 2V
CTRL1,2 = 2V, IADJ2 = 2V
l
1.182
1.176
1.2
1.2
1.218
1.224
V
V
FB Pin Current
Current Out of Pin, VFB1,2 = 1.18V
20
nA
FB Amplifier Transconductance
380
µS
Oscillator
Programmed Switching Frequency (fSW1, Channel 1) RT = 9.09kΩ
RT = 51.1kΩ
RT = 215kΩ
l
1800
380
96
1950
400
102
2100
420
108
kHz
kHz
kHz
Channel Frequency Difference (fSW2 – fSW1)
RT = 51.1kΩ
4.5
%fSW1
Spread Spectrum Frequency Range
100
126
%fSW
Minimum Off-Time
RT = 9.09kΩ
RT = 51.1kΩ
RT = 215kΩ
l
l
l
30
75
100
60
120
170
85
165
240
ns
ns
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). Unless otherwise noted, VIN = EN/UVLO = 12V, ISP1,2 =
ISN1,2 = 60V, CTRL1,2 = IADJ2 = 2V, PWM1,2 = INTVCC, FB1,2 = 1V, SENSEN1,2 = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com