Electronic Components Datasheet Search
  English  ▼

X  

LM3207 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3207
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3207 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3207 Datasheet HTML 11Page - National Semiconductor (TI) LM3207 Datasheet HTML 12Page - National Semiconductor (TI) LM3207 Datasheet HTML 13Page - National Semiconductor (TI) LM3207 Datasheet HTML 14Page - National Semiconductor (TI) LM3207 Datasheet HTML 15Page - National Semiconductor (TI) LM3207 Datasheet HTML 16Page - National Semiconductor (TI) LM3207 Datasheet HTML 17Page - National Semiconductor (TI) LM3207 Datasheet HTML 18Page - National Semiconductor (TI) LM3207 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Information (Continued)
wide, for a section approximately 6mil long or longer, to
provide thermal relief. Each trace should then neck up or
down to its optimal width. The important criterion is symme-
try. This ensures the solder bumps re-flow evenly and that
the device solders level to the board. In particular, special
attention must be paid to the pads for bumps A1, A3 and B3.
Because P
GND and PVIN are typically connected to large
copper planes, inadequate thermal relief’s may result in late
or inadequate re-flow of these bumps. The Micro SMD pack-
age is optimized for the smallest possible size in applications
with red or infrared opaque cases. Because the Micro SMD
package lacks the plastic encapsulation characteristic of
larger devices, it is vulnerable to light. Backside metalization
and/or epoxy coating, along with front-side shading by the
printed circuit board, reduce this sensitivity. However, the
package has exposed die edges. Micro SMD devices are
sensitive to light, in the red and infrared range, shining on the
package’s exposed die edges.
BOARD LAYOUT CONSIDERATIONS
Referring to Figure 4, the LM3207 has two major current
loops where pulse and ripple current flow. The loop shown in
the left hand side is most important, because pulse current
shown in Figure 4 flows in this path. The right hand side is
next. The current waveform in this path is triangular, as
shown in Figure 4. Pulse current has many high-frequency
components due to fast di/dt. Triangular ripple current also
has wide high-frequency components. Board layout and cir-
cuit pattern design of these two loops are the key factors for
reducing noise radiation and stable operation. Other lines,
such as from battery to C1(+) and C2(+) to load, are almost
DC current, so it is not necessary to take so much care. Only
pattern width (current capability) and DCR drop consider-
ations are needed.
20165354
FIGURE 4. Current Loop
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com