Electronic Components Datasheet Search
  English  ▼

X  

AWM-2P Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # AWM-2P
Description  KIT, ATM SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

AWM-2P Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  AWM-2P Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RELEASE
27/SEP/13
DRP
A-
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
KIT, ATM SERIES, 2 POSITION RECEPTACLE,
CONTACTS, AND WEDGELOCK
B
ATM04-2P-KIT01
A
11
D.PARKS
27/SEP/13
NONE
1
3
2
KIT CONTENTS
REFERENCE DIMENSIONS - ASSEMBLED
8
7
RECEPTACLE, 2 POSITION, ATM SERIES
ATM04-2P
1
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
16.2
16.6
41.2
1AWM-2P
P-WEDGELOCK, 2 POSITION, ATM SERIES
2
2
AT60-202-20141
CONTACT, PIN, SOLID, SIZE 20, 20 - 22 AWG
3
3. MATING PART: ATM06-2S* PLUG
( * = MODIFICATIONS AND COLORS )
4. AVAILABLE HAND CRIMPER: CA-5D12
5. ALL COMPONENTS ARE RoHS COMPLIANT.
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
7 WIRE RANGE OF CONTACTS INCLUDED
IN KIT: 20 - 22 AWG
8 CONTACT SIZE AND REAR SEAL WIRE RANGE:
CONTACT
SIZE
MIN. INSUL.
O.D.
TYPICAL
WIRE RANGE
MAX. INSUL.
O.D.
20
1.35 mm
(.053 in)
16 - 22 AWG
3.05 mm
(.120 in)
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL:
HOUSING: THERMOPLASTIC; COLOR: GREY
WEDGELOCK: THERMOPLASTIC; COLOR: ORANGE
SEALS: SILICONE RUBBER
CONTACTS: COPPER ALLOY; NICKEL PLATED
2. SPECIFICATIONS:
2.1 CURRENT RATING: 7.5 AMPS
2.2 OPERATING TEMPERATURE: -55°C TO +125°C
2.3 DIELECTRIC WITHSTANDING VOLTAGE: LESS THAN 2
MILLIAMPS CURRENT LEAKAGE @ 1500 VOLTS AC.
2.4 INSULATION RESISTANCE: 1000 MEGOHMS MIN @ 25°C.
2.5 CONTACT MILLIVOLT DROP: 60 MILLIVOLT DROP
@ 7.5 AMP TEST CURRENT.
2.6 MOISTURE RESISTANCE: IP67 ( MATED CONDITION )
2.7 CONNECTOR MATING CYCLE DURABILITY: 100 CYCLES


Similar Part No. - AWM-2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AWM-2P ASS-AWM-2P Datasheet
40Kb / 1P
P-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AWM-2P ASS-AWM-2P Datasheet
203Kb / 1P
KIT, ATM SERIES, 2 POSITION PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
Rev. A
More results

Similar Description - AWM-2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-4P-KIT01 AMPHENOL-AT04-4P-KIT01 Datasheet
105Kb / 1P
KIT, AT SERIES, 4 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
A
AT04-6P-KIT01 AMPHENOL-AT04-6P-KIT01 Datasheet
134Kb / 1P
KIT, AT SERIES, 6 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
A
AT06-2S-KIT01 AMPHENOL-AT06-2S-KIT01 Datasheet
120Kb / 1P
KIT, AT SERIES, 2 POSITION PLUG, CONTACTS, AND WEDGELOCK
A
AT04-2P-KIT01 AMPHENOL-AT04-2P-KIT01 Datasheet
91Kb / 1P
KIT, AT SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
REVISION A
logo
Amphenol Sine Systems C...
ATM04-12PA-KT01 ASS-ATM04-12PA-KT01 Datasheet
256Kb / 1P
KIT, ATM SERIES, 12 POSITION, RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
ATM06-2S-KIT01 ASS-ATM06-2S-KIT01 Datasheet
93Kb / 1P
KIT, ATM SERIES, 2 POSITION PLUG, CONTACTS, AND WEDGELOCK
Rev. A
ATM06-6S-KIT01 ASS-ATM06-6S-KIT01 Datasheet
127Kb / 1P
KIT, ATM SERIES, 6 POSITION PLUG, CONTACTS, AND WEDGELOCK
Rev. A
ATM2PS-CKIT ASS-ATM2PS-CKIT Datasheet
203Kb / 1P
KIT, ATM SERIES, 2 POSITION PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
Rev. A
AWM-2P ASS-AWM-2P Datasheet
40Kb / 1P
P-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AWM-2S ASS-AWM-2S Datasheet
55Kb / 1P
S-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com