Electronic Components Datasheet Search
  English  ▼

X  

AWM-2P Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # AWM-2P
Description  P-WEDGELOCK, 2 POSITION, ATM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

AWM-2P Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  AWM-2P Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AWM-2P
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
A
AWM-2P
A3
11
D.PARKS
24/JUL/13
NONE
P-WEDGELOCK, 2 POSITION, ATM SERIES
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL: THERMOPLASTIC; COLOR: ORANGE
2. RoHS COMPLIANT
3. CAVITIES: 2
4. KEYED: N/A
5. USE WITH CONNECTORS ATM04-2P*
( * = MODIFICATIONS AND COLORS )
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
TITLE:
DWG NO:
REV:
SH:
OF:
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
1
A3
AWM-2P
P-WEDGELOCK, 2 POSITION, ATM SERIES
20.5
7.8
RELEASE NEW DWG FORMAT
24/JUL/13
DRP
A3
3.6


Similar Part No. - AWM-2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AWM-2P ASS-AWM-2P Datasheet
107Kb / 1P
KIT, ATM SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2P ASS-AWM-2P Datasheet
203Kb / 1P
KIT, ATM SERIES, 2 POSITION PLUG, RECEPTACLE, CONTACTS, AND WEDGELOCKS
Rev. A
More results

Similar Description - AWM-2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW2P AMPHENOL-AW2P_V01 Datasheet
39Kb / 1P
P-WEDGELOCK, 2 POSITION, AT SERIES
A3
AW3P AMPHENOL-AW3P_V01 Datasheet
128Kb / 1P
P-WEDGELOCK, 3 POSITION, AT SERIES
A4
logo
Amphenol Sine Systems C...
ATM04-12PA-KT01 ASS-ATM04-12PA-KT01 Datasheet
256Kb / 1P
KIT, ATM SERIES, 12 POSITION, RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
ATM04-2P-KIT01 ASS-ATM04-2P-KIT01 Datasheet
107Kb / 1P
KIT, ATM SERIES, 2 POSITION RECEPTACLE, CONTACTS, AND WEDGELOCK
Rev. A
ATM06-2S-KIT01 ASS-ATM06-2S-KIT01 Datasheet
93Kb / 1P
KIT, ATM SERIES, 2 POSITION PLUG, CONTACTS, AND WEDGELOCK
Rev. A
ATM06-6S-KIT01 ASS-ATM06-6S-KIT01 Datasheet
127Kb / 1P
KIT, ATM SERIES, 6 POSITION PLUG, CONTACTS, AND WEDGELOCK
Rev. A
AWM-2S ASS-AWM-2S Datasheet
55Kb / 1P
S-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AWM-3S ASS-AWM-3S Datasheet
64Kb / 1P
S-WEDGELOCK, 3 POSITION, ATM SERIES
Rev. A3
AWM-4P ASS-AWM-4P Datasheet
43Kb / 1P
P-WEDGELOCK, 4 POSITION, ATM SERIES
Rev. A3
AWM-4S ASS-AWM-4S Datasheet
72Kb / 1P
S-WEDGELOCK, 4 POSITION, ATM SERIES
Rev. A3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com