Electronic Components Datasheet Search
  English  ▼

X  

YL Datasheet(PDF) 2 Page - AIC tech Inc.

Part # YL
Description  Useful of 10,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

YL Datasheet(HTML) 2 Page - AIC tech Inc.

  YL Datasheet HTML 1Page - AIC tech Inc. YL Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
YL Series
Life time graph
 Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 105℃,120Hz.
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
2.5
3
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=105
℃
Ta=85
℃
Ta=70
℃
Ta=60
℃
Series
YL
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
82
22
×25
0.20
0.59
1,170
YL2G820MCXS2WPEC
120
22
×30
0.20
0.76
800
YL2G121MCXS3WPEC
25
×25
0.20
0.75
800
YL2G121MCYS2WPEC
150
22
×35
0.20
0.89
640
YL2G151MCXS4WPEC
25
×30
0.20
0.88
640
YL2G151MCYS3WPEC
180
22
×40
0.20
1.01
540
YL2G181MCXS5WPEC
25
×35
0.20
1.01
540
YL2G181MCYS4WPEC
30
×25
0.20
0.96
540
YL2G181MCZS2WPEC
220
22
×50
0.20
1.20
440
YL2G221MCXS7WPEC
25
×40
0.20
1.17
440
YL2G221MCYS5WPEC
30
×30
0.20
1.12
440
YL2G221MCZS3WPEC
35
×25
0.20
1.10
440
YL2G221MCAS2WPEC
270
25
×45
0.20
1.34
360
YL2G271MCYS6WPEC
30
×35
0.20
1.30
360
YL2G271MCZS4WPEC
330
25
×50
0.20
1.53
290
YL2G331MCYS7WPEC
35
×30
0.20
1.42
290
YL2G331MCAS3WPEC
390
30
×40
0.20
1.63
250
YL2G391MCZS5WPEC
35
×35
0.20
1.61
250
YL2G391MCAS4WPEC
470
30
×50
0.20
1.91
210
YL2G471MCZS7WPEC
35
×40
0.20
1.84
210
YL2G471MCAS5WPEC
560
35
×45
0.20
2.08
180
YL2G561MCAS6WPEC
680
35
×50
0.20
2.36
150
YL2G681MCAS7WPEC
420
100
22
×30
0.20
0.69
1,020
YL420V101MCXS3WPEC
25
×25
0.20
0.68
1,020
YL420V101MCYS2WPEC
120
22
×35
0.20
0.79
850
YL420V121MCXS4WPEC
25
×30
0.20
0.79
850
YL420V121MCYS3WPEC
150
22
×40
0.20
0.93
680
YL420V151MCXS5WPEC
25
×35
0.20
0.93
680
YL420V151MCYS4WPEC
30
×25
0.20
0.88
680
YL420V151MCZS2WPEC
180
22
×50
0.20
1.09
570
YL420V181MCXS7WPEC
25
×40
0.20
1.06
570
YL420V181MCYS5WPEC
30
×30
0.20
1.02
570
YL420V181MCZS3WPEC
35
×25
0.20
1.00
570
YL420V181MCAS2WPEC
220
25
×45
0.20
1.21
470
YL420V221MCYS6WPEC
30
×35
0.20
1.18
470
YL420V221MCZS4WPEC
270
25
×50
0.20
1.38
380
YL420V271MCYS7WPEC
30
×40
0.20
1.35
380
YL420V271MCZS5WPEC
35
×30
0.20
1.28
380
YL420V271MCAS3WPEC
330
30
×45
0.20
1.55
310
YL420V331MCZS6WPEC
35
×35
0.20
1.48
310
YL420V331MCAS4WPEC
390
30
×50
0.20
1.74
270
YL420V391MCZS7WPEC
35
×40
0.20
1.67
270
YL420V391MCAS5WPEC
470
35
×45
0.20
1.90
220
YL420V471MCAS6WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
82
22
×30
0.20
0.63
1,250
YL2W820MCXS3WPEC
100
25
×25
0.20
0.68
1,020
YL2W101MCYS2WPEC
120
22
×35
0.20
0.79
850
YL2W121MCXS4WPEC
25
×30
0.20
0.79
850
YL2W121MCYS3WPEC
150
22
×45
0.20
0.96
680
YL2W151MCXS6WPEC
25
×35
0.20
0.93
680
YL2W151MCYS4WPEC
30
×25
0.20
0.88
680
YL2W151MCZS2WPEC
180
22
×50
0.20
1.09
570
YL2W181MCXS7WPEC
25
×40
0.20
1.06
570
YL2W181MCYS5WPEC
30
×30
0.20
1.02
570
YL2W181MCZS3WPEC
35
×25
0.20
1.00
570
YL2W181MCAS2WPEC
220
25
×45
0.20
1.21
470
YL2W221MCYS6WPEC
30
×35
0.20
1.18
470
YL2W221MCZS4WPEC
35
×30
0.20
1.16
470
YL2W221MCAS3WPEC
270
30
×40
0.20
1.35
380
YL2W271MCZS5WPEC
35
×35
0.20
1.34
380
YL2W271MCAS4WPEC
330
30
×45
0.20
1.55
310
YL2W331MCZS6WPEC
390
30
×50
0.20
1.74
270
YL2W391MCZS7WPEC
35
×40
0.20
1.67
270
YL2W391MCAS5WPEC
470
35
×50
0.20
1.96
220
YL2W471MCAS7WPEC
500
100
25
×35
0.20
0.67
960
YL2H101MCYS4WPEC
30
×25
0.20
0.64
960
YL2H101MCZS2WPEC
120
25
×40
0.20
0.77
800
YL2H121MCYS5WPEC
30
×30
0.20
0.74
800
YL2H121MCZS3WPEC
35
×25
0.20
0.72
800
YL2H121MCAS2WPEC
150
25
×50
0.20
0.92
640
YL2H151MCYS7WPEC
30
×35
0.20
0.86
640
YL2H151MCZS4WPEC
35
×30
0.20
0.85
640
YL2H151MCAS3WPEC
180
30
×40
0.20
0.98
540
YL2H181MCZS5WPEC
35
×35
0.20
0.97
540
YL2H181MCAS4WPEC
220
30
×45
0.20
1.13
440
YL2H221MCZS6WPEC
35
×40
0.20
1.12
440
YL2H221MCAS5WPEC
270
35
×45
0.20
1.28
360
YL2H271MCAS6WPEC
330
35
×50
0.20
1.46
290
YL2H331MCAS7WPEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com