Electronic Components Datasheet Search
  English  ▼

X  

ZLR Datasheet(PDF) 2 Page - AIC tech Inc.

Part # ZLR
Description  Useful of 5,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

ZLR Datasheet(HTML) 2 Page - AIC tech Inc.

  ZLR Datasheet HTML 1Page - AIC tech Inc. ZLR Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
ZLR Series
1,000,000
100,000
10,000
1,000
Series
ZLR
Ta=60
℃
Ta=70
℃
Ta=85
℃
Ta=105
℃
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Life time graph
  Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 105℃,120Hz.
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
100
22
×25
0.20
0.83
770
ZLR2G101MCXS2WPEC
120
22
×30
0.20
0.94
640
ZLR2G121MCXS3WPEC
25
×25
0.20
0.95
640
ZLR2G121MCYS2WPEC
150
22
×35
0.20
1.09
520
ZLR2G151MCXS4WPEC
180
22
×40
0.20
1.22
440
ZLR2G181MCXS5WPEC
25
×30
0.20
1.21
440
ZLR2G181MCYS3WPEC
30
×25
0.20
1.26
330
ZLR2G181MCZS2WPEC
220
22
×45
0.20
1.37
360
ZLR2G221MCXS6WPEC
25
×35
0.20
1.38
360
ZLR2G221MCYS4WPEC
30
×30
0.20
1.44
270
ZLR2G221MCZS3WPEC
270
22
×50
0.20
1.54
290
ZLR2G271MCXS7WPEC
25
×40
0.20
1.56
290
ZLR2G271MCYS5WPEC
30
×35
0.20
1.65
220
ZLR2G271MCZS4WPEC
35
×25
0.20
1.61
220
ZLR2G271MCAS2WPEC
330
25
×50
0.20
1.77
240
ZLR2G331MCYS7WPEC
30
×40
0.20
1.85
180
ZLR2G331MCZS5WPEC
35
×30
0.20
1.83
180
ZLR2G331MCAS3WPEC
390
30
×45
0.20
2.05
150
ZLR2G391MCZS6WPEC
35
×35
0.20
2.05
150
ZLR2G391MCAS4WPEC
470
30
×50
0.20
2.27
130
ZLR2G471MCZS7WPEC
35
×40
0.20
2.29
130
ZLR2G471MCAS5WPEC
560
35
×45
0.20
2.54
110
ZLR2G561MCAS6WPEC
680
35
×50
0.20
2.82
90
ZLR2G681MCAS7WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
68
22
×25
0.20
0.66
1,200
ZLR2W680MCXS2WPEC
100
22
×30
0.20
0.83
820
ZLR2W101MCXS3WPEC
25
×25
0.20
0.84
820
ZLR2W101MCYS2WPEC
120
22
×35
0.20
0.94
680
ZLR2W121MCXS4WPEC
25
×30
0.20
0.95
680
ZLR2W121MCYS3WPEC
150
22
×40
0.20
1.07
550
ZLR2W151MCXS5WPEC
25
×35
0.20
1.10
550
ZLR2W151MCYS4WPEC
30
×25
0.20
1.11
410
ZLR2W151MCZS2WPEC
180
22
×45
0.20
1.19
460
ZLR2W181MCXS6WPEC
25
×40
0.20
1.23
460
ZLR2W181MCYS5WPEC
30
×30
0.20
1.26
350
ZLR2W181MCZS3WPEC
220
22
×50
0.20
1.34
380
ZLR2W221MCXS7WPEC
25
×45
0.20
1.38
380
ZLR2W221MCYS6WPEC
30
×35
0.20
1.43
290
ZLR2W221MCZS4WPEC
35
×25
0.20
1.42
290
ZLR2W221MCAS2WPEC
270
25
×50
0.20
1.54
310
ZLR2W271MCYS7WPEC
30
×40
0.20
1.62
230
ZLR2W271MCZS5WPEC
35
×30
0.20
1.63
230
ZLR2W271MCAS3WPEC
330
30
×45
0.20
1.81
190
ZLR2W331MCZS6WPEC
35
×35
0.20
1.84
190
ZLR2W331MCAS4WPEC
390
30
×50
0.20
1.99
170
ZLR2W391MCZS7WPEC
35
×40
0.20
2.04
170
ZLR2W391MCAS5WPEC
470
35
×45
0.20
2.27
140
ZLR2W471MCAS6WPEC
560
35
×50
0.20
2.50
120
ZLR2W561MCAS7WPEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com