Electronic Components Datasheet Search
  English  ▼

X  

ZR Datasheet(PDF) 2 Page - AIC tech Inc.

Part # ZR
Description  Useful of 5,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

ZR Datasheet(HTML) 2 Page - AIC tech Inc.

  ZR Datasheet HTML 1Page - AIC tech Inc. ZR Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
ZR Series
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
180
30
×25
0.20
1.50
330
ZR2G181MCZS2WPEC
220
30
×30
0.20
1.82
270
ZR2G221MCZS3WPEC
270
30
×35
0.20
2.11
220
ZR2G271MCZS4WPEC
35
×25
0.20
2.02
220
ZR2G271MCAS2WPEC
330
30
×40
0.20
2.43
180
ZR2G331MCZS5WPEC
35
×30
0.20
2.35
180
ZR2G331MCAS3WPEC
390
30
×45
0.20
2.73
150
ZR2G391MCZS6WPEC
35
×35
0.20
2.67
150
ZR2G391MCAS4WPEC
470
30
×50
0.20
3.09
130
ZR2G471MCZS7WPEC
35
×40
0.20
3.04
130
ZR2G471MCAS5WPEC
560
35
×45
0.20
3.43
110
ZR2G561MCAS6WPEC
680
35
×50
0.20
3.90
90
ZR2G681MCAS7WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
150
30
×25
0.20
1.25
410
ZR2W151MCZS2WPEC
180
30
×30
0.20
1.50
350
ZR2W181MCZS3WPEC
220
30
×35
0.20
1.83
290
ZR2W221MCZS4WPEC
35
×25
0.20
1.83
290
ZR2W221MCAS2WPEC
270
30
×40
0.20
2.21
230
ZR2W271MCZS5WPEC
35
×30
0.20
2.14
230
ZR2W271MCAS3WPEC
330
30
×45
0.20
2.52
190
ZR2W331MCZS6WPEC
35
×35
0.20
2.47
190
ZR2W331MCAS4WPEC
390
30
×50
0.20
2.83
170
ZR2W391MCZS7WPEC
35
×40
0.20
2.78
170
ZR2W391MCAS5WPEC
470
35
×45
0.20
3.16
140
ZR2W471MCAS6WPEC
560
35
×50
0.20
3.55
120
ZR2W561MCAS7WPEC
Life time graph
  Useful life depending on ambient temperature Ta and ripple current operating conditionⅠversus rated ripple current at 105℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=85
℃
Ta=70
℃
Ta=60
℃
Series
Ta=105
℃
ZR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com