Electronic Components Datasheet Search
  English  ▼

X  

305 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 305
Description  Card Edge Connectors 0.156” (3.96mm) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

305 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  305 Datasheet HTML 1Page - EDAC, All Rights Reserved. 305 Datasheet HTML 2Page - EDAC, All Rights Reserved. 305 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.156” (3.96mm) Pitch
305/315/355 SERIES
CONTACT CODE 555 BEND USES
WIRE HOLE CONTACTS
CONNECTOR
CONNECTOR
SEE A CAD REF. DWG. # 305-220-002
(OFFSET CARD GUIDES)
(IN-LINE CARD GUIDE)
CODE x78
MOUNTING OPTION
CONNECTOR
DIMENSION
"B"
INSERT
THREADED
#4-40 UNC
CONNECTOR
DIMENSION
.260 (6.60)
#4-40 UNC
INSERT
THREADED
"D"
MOUNTING OPTION
CODES x58 & x68
"B"
.260 (6.60)
CARD GUIDE
(THREADED INSERTS)
MOUNTING OPTION
CARD GUIDE
1.550
0.090(2.20)
DIMENSION
CONNECTOR B
"B"
"A"
"C"
.120 (3.05)
(THROUGH MOUNTING HOLES)
DIMENSION
CONNECTOR
MOUNTING OPTION
CODES x02 AND xO4
THREADED INSERTS
(FLOATING EYLETS)
FLOATING EYELETS
MOUNTING OPTION
CODE x03
CONNECTOR
DIMENSION
B
.005 (0.51) VERTICAL
.116 (2.95) I.D.
FLOAT
.250 (6.35) DIA
.010 (0.25) RADIAL
FLOAT
0.328(8.33)
(NO MOUNTING LUGS)
CONNECTOR
DIMENSION
MOUNTING OPTION
CODE x01
M3-0.5 METRIC
CODE x08
#4-40 UNC
CODE x07
B
C
A DIA THROUGH
HOLES
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
OUTSIDE TAILS
.125 (3.18) TO .185 (4.70)
CONTACT CODE 556
OUTSIDE TAILS
.125 (3.18) TO .210 (5.33)
.045 (1.14) TO .060 (1.52)
.095 (2.41)
BETWEEN TAILS
0.185
0.255
(39.37)
(6.48)
(4.70)
M3-0.5(METRIC)
CODE X07
CODE X07 AND X08- THREADED INSERTS
0.128(3.25)
CODE X02
CODE X02 AND X04- THROUGH MTG. HOLES
INSERT
"A" DIA.
#4-40 UNC
CODE X08
0.156(3.96)
CODE X04
0.468(11.89)
"A"
0.344(8.74)
CODE X58
CODES X58 AND X68- OFFSET CARD GUIDES
CODE X68
"B"
"C"
"D"
2.755(69.98)
2.505(63.63)
0.060(1.52)
0.125(3.18)
0.423(10.74)
0.242(6.15)
CODES x07 & x08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com