Electronic Components Datasheet Search
  English  ▼

X  

307 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 307
Description  Card Edge Connectors 0.156” (3.96mm) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

307 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  307 Datasheet HTML 1Page - EDAC, All Rights Reserved. 307 Datasheet HTML 2Page - EDAC, All Rights Reserved. 307 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
307/357 SERIES
Card Edge Connectors 0.156” (3.96mm) Pitch
www.edac.net
www.edac.net
CONTACT
CODE 555
0.245
±.015
BETWEEN TAILS.
.045 MIN..060 MAX.
.125 MIN..210 MAX.
0.120
±.020
0.170
0.095
BETWEEN TAILS.
.045 MIN..060 MAX.
.125 MIN..210 MAX.
±.020
±.015
CODE 556
CONTACT
.045 (1.14) TO .060 (1.52)
.125 (3.18) TO .210 (5.33)
BETWEEN TAILS
OUTSIDE TAILS
A
.165 (4.19)
CODE 560
CONTACT
0.062
0.200
0.230
±.025
±.010
±.015
CONTACT
CODE 558
R0.120~0.180
R0.050
±.005
0.060
0.150
0.250
±.020
±.020
±.010
±.015
CODE 559
CONTACT
0.300
R0.050
±.005
R0.180
±.010
0.150±0.010
"B"
.425
MAX
#4-40 UNC
THREADED
INSERTS
MOUNTING OPTION
CODE #58
.125 REF
.059 REF
#4-40 UNC
THREADED
INSERTS
"B"
#4-40 UNC
THREADED
INSERTS
.245
MAX
MOUNTING OPTION
CODE #78
.157
MAX
.089 REF
"B"
MOUNTING OPTION
CODE #68
.020
.020
.020
1.500
0.476
0.350
1.500
1.500
0.005
M3-0.5 THREADED INSERT OR
DIA.
VERTICAL FLOAT
MIN.
0.116
RADIAL FLOAT
.010 MIN. TOTAL
.128
DIA. MOUNTING HOLE
VARIATION 02
0.128
C
±.003
VARIATION 01
NO MOUNTING LUG
DIA.
DIA.
0.156
THREADED INSERT
VARIATIONS 07 AND 08
-.000
+.002
-.000
+.003
.116
I.D. FLOATING EYELET
VARIATION 03
.156
DIA. MOUNTING HOLE
VARIATION 04
4-40 UNC THREADED INSERT
customerservice@edac.net



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com