Electronic Components Datasheet Search
  English  ▼

X  

357 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 357
Description  Card Edge Connectors 0.156” (3.96mm) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

357 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  357 Datasheet HTML 1Page - EDAC, All Rights Reserved. 357 Datasheet HTML 2Page - EDAC, All Rights Reserved. 357 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
307/357 SERIES
307/357 SERIES
Card Edge Connectors 0.156” (3.96mm) Pitch
Features:
www.edac.net
Specifications:
•
0.156” (3.96mm) contact spacing by 0.200” (5.08mm) row spacing
•
Accepts 0.062” (1.57mm) nominal thickness P.C. board
•
Low profile insulator body, 0.473” (12.01mm)
•
Contact termination options include P.C. tail, wire hole, wire wrap, 90° and extender board bends
•
Single or dual row configurations
•
Large variety of mounting options
•
Accepts between contact and in-contact polarizing keys
•
Pre-assembled card guides are available
•
RoHS Compliant & UL Certified
Insulator Material
UL 94V-0 Thermoplastic Polyester
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
5 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1800 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
307-044-520-202
Series
Total Number of Contacts
Contact Code
Contact Rows
Mounting Options
Example Part Number
Series:
Insulator Color:
307
Thermoplastic Polyester, Green
357
Thermoplastic Polyester, Black
Total Number of Contacts:
Contact Rows:
006, 007, . . . . 044
Single Row
012, 014, . . . . 088
Dual Row
Contact Rows:
Description:
1
Single Row (Single Readout Flush Mounting Lugs)
2
Dual Row (Dual Readout Flush Mounting Lugs)
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
58
.468” (11.89mm) Offset Card Guides
68
.344” (8.74mm) Offset Card Guides
78
In-Line Card Guides
Contact Code:
Tail Description:
Tail Size:
Tail Length “G”:
Single Row Contacts - Read One Side of Daughter Board
505
Wire Hole
.087 x . 013 (2.21 x 0.33)
.282 (7.16)
525
P.C. Tail
.046 x .013 (1.17 x 0.33)
.213 (5.41)
527
P.C. Tail
.046 x .013 (1.17 x 0.33)
.358 (9.09)
531
P.C. Tail
.023 x .013 (0.58 x 0.33)
.213 (5.41)
545
Wire Wrap
.046 x .013 (1.17 x 0.33)
.708 (17.98)
547
Wire Wrap
.046 x .013 (1.17 x 0.33)
.520 (13.21)
558
90 DEGREE BEND (CODE 545 CONTACTS)
559
90 DEGREE BEND (CODE 527 CONTACTS)
Single Row Contacts - Read Both Sides of Daughter Board
501
Wire Hole
.089 x .014 (2.29 x 0.36)
.213 (5.41)
521
P.C. Tail
.046 x .014 (1.17 x 0.36)
.213 (5.41)
541
Wire Wrap
.046 x .014 (1.17 x 0.36)
.495 (12.57)
553
90 DEGREE BEND (CODE 521 CONTACTS)
554
90 DEGREE BEND (CODE 501 CONTACTS)
557
90 DEGREE BEND (CODE 541 CONTACTS)
Dual Row Contacts - Read Both Sides of Daughter Board
500
Wire Hole
.087 x .013 (2.21 x 0.33)
.282 (7.16)
520
P.C. Tail
.046 x .013 (1.17 x 0.33)
.213 (5.41)
522
P.C. Tail
.046 x .013 (1.17 x 0.33)
.358 (9.09)
524
P.C. Tail
.023 x .013 (0.58 x 0.33)
.213 (5.41)
540
Wire Wrap
.046 x .013 (1.17 x 0.33)
.708 (17.98)
542
Wire Wrap
.046 x .013 (1.17 x 0.33)
.520 (13.21)
555
.062 EXTENDER BOARD BEND (CODE 500 CONTACTS)
556
.062 EXTENDER BOARD BEND (CODE 520 CONTACTS)
558
90 DEGREE BEND (CODE 522 AND 540 CONTACTS)
559
90 DEGREE BEND (CODE 522 AND 540 CONTACTS)
560
.062 EXTENDER BOARD BEND (CODE 522 CONTACTS)
Ordering Code Notes:
1) All connector sizes up to 44 contacts single row / 88 contacts dual row are
available upon request.
2) For contacts with overall tin plating, change the first digit of the contact code
from 5 to 4
3) For details of the extender board and 90 degree bends refer to next pages.
4) For details of the mounting options refer to next pages.
customerservice@edac.net


Similar Part No. - 357

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
357 CTS-357 Datasheet
501Kb / 3P
5x7mm Low Cost Surface Mount VCXO
logo
3M Electronics
357 3M-357 Datasheet
902Kb / 3P
3M™ Power Clamp Branch Connector
20-Dec-2009
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
126Kb / 3P
7/8" diameter single turn
17-Apr-13
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
99Kb / 4P
(22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
18-Oct-2021
More results

Similar Description - 357

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
3.96mm Pitch Card Edge Connector
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
Card Edge Connectors
logo
List of Unclassifed Man...
VHR-7N ETC2-VHR-7N Datasheet
118Kb / 4P
3.96mm pitch/Disconnectable Crimp style connectors
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
Card Edge Connectors
logo
EDAC, All Rights Reserv...
305 EDAC-305 Datasheet
278Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
Card Edge Connectors 0.100” (2.54mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com