Electronic Components Datasheet Search
  English  ▼

X  

396 Datasheet(PDF) 3 Page - EDAC, All Rights Reserved.

Part # 396
Description  Card Edge Connectors 0.125” (3.175mm) Pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

396 Datasheet(HTML) 3 Page - EDAC, All Rights Reserved.

  396 Datasheet HTML 1Page - EDAC, All Rights Reserved. 396 Datasheet HTML 2Page - EDAC, All Rights Reserved. 396 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.edac.net
customerservice@edac.net
Card Edge Connectors 0.125” (3.175mm) Pitch
346/396 SERIES
CONTACT CODE 558
CONTACT CODE 555 BEND USES
WIRE HOLE CONTACTS
"A"
.120 (3.05)
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
OUTSIDE TAILS
.125 (3.18) TO .185 (4.70)
CONTACT CODE 556
OUTSIDE TAILS
.125 (3.18) TO .210 (5.33)
.045 (1.14) TO .060 (1.52)
.095 (2.41)
"A"
BETWEEN TAILS
OUTSIDE TAILS
CONTACT CODE 560
.165 (4.19)
.045 (1.14) TO .060 (1.52)
BETWEEN TAILS
.125 (3.18) TO .210 (5.33)
"A"
CONTACT CODE 559
SINGLE ROW BEND
IS STANDARD FOR
THIS CONTACT ROW
"B"
"A"
.200 (5.08)
.060 (1.52)
"B"
"A"
THIS CONTACT ROW
IS STANDARD FOR
SINGLE ROW BEND
.150 (3.81)
.060 (1.52)
NUMBERED SIDE, EVEN
NUMBERED SIDE OR ROW
"A" SIDE OF CONNECTOR
(DEPENDIND UPON SERIES)
NUMBERED SIDE, EVEN
NUMBERED SIDE OR ROW
"A" SIDE OF CONNECTOR
(DEPENDIND UPON SERIES)
(THROUGH MOUNTING HOLES)
DIMENSION
CONNECTOR
MOUNTING OPTION
CODES x02 AND xO4
(FLOATING EYLETS)
FLOATING EYELETS
MOUNTING OPTION
CODE x03
CONNECTOR
DIMENSION
B
.005 (0.51) VERTICAL
.116 (2.95) I.D.
FLOAT
.250 (6.35) DIA
.010 (0.25) RADIAL
FLOAT
0.328(8.33)
(NO MOUNTING LUGS)
CONNECTOR
DIMENSION
MOUNTING OPTION
CODE x01
B
C
A DIA THROUGH
HOLES
2.750(69.85)
"A"
CODE X78
CODE X78 - IN-LINE CARD GUIDES
M3-0.5(METRIC)
CODE X17
SIDE MOUNTING HOLES WITH INSERTS
M3-0.5(METRIC)
CODE X07
CODE X07 AND X08- THREADED INSERTS
0.128(3.25)
CODE X02
CODE X02 AND X04- THROUGH MTG. HOLES
INSERT
INSERT
"A" DIA.
#4-40 UNC
#4-40 UNC
CODE X18
CODE X08
0.156(3.96)
CODE X04
(OFFSET CARD GUIDES)
(IN-LINE CARD GUIDE)
CODE x78
MOUNTING OPTION
CONNECTOR
DIMENSION
"B"
INSERT
THREADED
#4-40 UNC
CONNECTOR
DIMENSION
.250 (6.35)
#4-40 UNC
INSERT
THREADED
.398
MOUNTING OPTION
CODES x58
"B"
(10.11)
.250 (6.35)
A
0.091(2.31)
(3.05)
(69.98)
2.755
.468
(11.89)
.120
CONNECTOR
CONNECTOR
CARD GUIDE
CARD GUIDE
(THREADED INSERTS)
CODES x07 & xO8
MOUNTING OPTION
WITH INSERTS: CODES X17 & X18,
(SIDE MOUNTING HOLES)
0.125(3.18)
MOUNTING OPTION
SEE TABLE
CODE x12
CONNECTOR
DIMENSION B
DIMENSION
CONNECTOR B
THREADED INSERTS
THROUGH HOLES
.128 (3.25) DIA
M3-0.5 METRIC
CODE x08
#4-40 UNC
CODE x07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com