Electronic Components Datasheet Search
  English  ▼

X  

MIC2584 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2584
Description  Dual-Channel Hot Swap Controller/Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2584 Datasheet HTML 9Page - Micrel Semiconductor MIC2584 Datasheet HTML 10Page - Micrel Semiconductor MIC2584 Datasheet HTML 11Page - Micrel Semiconductor MIC2584 Datasheet HTML 12Page - Micrel Semiconductor MIC2584 Datasheet HTML 13Page - Micrel Semiconductor MIC2584 Datasheet HTML 14Page - Micrel Semiconductor MIC2584 Datasheet HTML 15Page - Micrel Semiconductor MIC2584 Datasheet HTML 16Page - Micrel Semiconductor MIC2584 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
March 2005
13
MIC2584/2585
MIC2584/2585
Micrel
Turn-On Response (Hot Insert)
TIME (5ms/div.)
V
CC1 = 5V
V
CC2 = 3.3V
C
L = 250µF
R
L = 5Ω
22.5ms
Power-On Reset Response
TIME (5ms/div.)
V
CC1 = 5V
V
CC2 = 3.3V
R
L1 =3.5Ω
C
L1 = 220µF
C
POR = 47nF
Short-Circuit Crowbar Channel 1
(SCR enabled through a PNP from DIS pin-MIC2585-1BTS)
TIME (25
µs/div.)
V
CC1 = 5V
V
CC2 = 3.3V
R
L1 = 3.5Ω
R
L2 = 1Ω
C
L1 = CL2 = 220µF
4.5A peak
Short-Circuit Crowbar Channel 2
(SCR enabled through a PNP from DIS pin-MIC2585-1BTS)
TIME (10
µs/div.)
V
CC1 = 5V
V
CC2 = 3.3V
R
L1 = 3.5Ω
R
L2 = 1Ω
C
L1 = CL2 = 220µF
3.88A peak
6.04A peak
V
CC1 = 5V
V
CC2 = 3.3V
R
L1 = 1Ω
R
L2 = open
C
L1 = 2200µF
C
L2 = 220µF
Short-Circuit Response
TIME (25
µs/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com