Electronic Components Datasheet Search
  English  ▼

X  

NV021 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NV021
Description  Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NV021 Datasheet(HTML) 2 Page - Renesas Technology Corp

  NV021 Datasheet HTML 1Page - Renesas Technology Corp NV021 Datasheet HTML 2Page - Renesas Technology Corp NV021 Datasheet HTML 3Page - Renesas Technology Corp NV021 Datasheet HTML 4Page - Renesas Technology Corp NV021 Datasheet HTML 5Page - Renesas Technology Corp NV021 Datasheet HTML 6Page - Renesas Technology Corp NV021 Datasheet HTML 7Page - Renesas Technology Corp NV021 Datasheet HTML 8Page - Renesas Technology Corp NV021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NV021 Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 26, 2016
2
TABLE 2. PIN CHARACTERISTICS
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1V
CCA
Power
Analog supply pin.
2V
EE
Power
Negative supply pin.
3,
4
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input,
XTAL_OUT is the output.
5
nc
Unused
No connect.
6, 7
nQ0, Q0
Output
Differential clock outputs. LVPECL interface levels.
8V
CC
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com