Electronic Components Datasheet Search
  English  ▼

X  

NX6352GP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NX6352GP
Description  LASER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NX6352GP Datasheet(HTML) 2 Page - Renesas Technology Corp

  NX6352GP Datasheet HTML 1Page - Renesas Technology Corp NX6352GP Datasheet HTML 2Page - Renesas Technology Corp NX6352GP Datasheet HTML 3Page - Renesas Technology Corp NX6352GP Datasheet HTML 4Page - Renesas Technology Corp NX6352GP Datasheet HTML 5Page - Renesas Technology Corp NX6352GP Datasheet HTML 6Page - Renesas Technology Corp NX6352GP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NX6352GP Series
Chapter Title
R08DS0088EJ0100 Rev.1.00
Page 2 of 5
Feb 25, 2013
PACKAGE DIMENSIONS (UNIT: mm)
PIN CONNECTIONS
BOTTOM VIEW
1.0±0.1
(0.3)
*2
x = ±200 m MAX.
y = ±200 m MAX.
Δμ
Δμ
2.0
φ
P.C.D
4– 0.45
φ
( 4.3)
*2
φ
( 3.75)
*2
φ
*1 Focal Point: A point to get maximum optical output power from fiber.
*2 (
) indicates nominal dimension.
( 5.6)
*2
φ
Focal Point
*1
Reference Plane
1
2
3
4
1
2
3
4
LD
PD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com