Electronic Components Datasheet Search
  English  ▼

X  

SB4-OR-4XP-4M Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # SB4-OR-4XP-4M
Description  Safety control unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB4-OR-4XP-4M Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  SB4-OR-4XP-4M Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 3Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 4Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 5Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 6Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4M Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SB4-OR-4XP-4M
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Safety control unit
The evaluation system SB4 is an ESPE of type 4 (EN 61496-1 or IEC 61496-1) or category 4 (EN 954-1). This system is also
designed and tested according to IEC 61508. It meets the requirements for the SIL3.
The operating instructions supplied with the device must be observed for planning, installation and operation.
A maximum of 4 safety light barriers can be connected to the evaluation device.
With the sensor card on position 2, it is possible to connect "3-wire" light barriers of the SLA family (for example SLA5) and light
grids of the SLP type. But also p-switching safety devices with dedicated cross circuit monitoring can be connected, for example
safety light curtains from the SLC family. In addition switch-off mats of the 4-wire principle or integrated safety sensors in the 1 or
2 channel version can be connected.
The cable or the manner it is laid to the light barriers and light grids must be chosen that no short circuit between the receiver and
transmitter wires is possible.
Light curtains with semiconductor switch outputs and integrated safety sensors in 2 channel design are monitored for
simultaneousness. The monitoring time is 2 s.
The connection is done on channels 3 and 4 and/or 1 and 2. Note that these sensors must feature a dedicated cross circuit
monitoring, because the module does not
carry out the cross circuit monitoring for these sensors. Integrated safety sensors, which are connected to the Safebox must work
according to the normally closed principle.
An open contact means "safe status". Switch-off mats of the 4-wire principle can be connected to channels 1 and 2 and/or 3 and 4.
The module on position 3 implements the muting function. Refer to the operating instructions for detailed notes on the functions.
The user must make sure to only connect sensors that can be muted to the sensor card that is assigned to the muting module.
These are, for example, light barriers or light grids.
By default, the restart interlock is activated.
Each assembly contains DIP switches for selecting the functions. For selecting functions, 2 selector switches must always be
actuated.
Switches on the first assembly:
Switches on the second assembly:
The assembly contains 6 DIP switches for selecting the sensor type and the position. Six possibilities are offered for combining
sensors. The desired combination is to be set binary. For function selection, always 2 switches must be actuated, that means DIP
switches 1 - 3 have the same switch position as DIP switches 4 - 6.
Switches on the third assembly:
Function
Operating modes
Switch
Position
Operating mode
1 and 3
OFF
Without restart interlock (restart, RI)
ON
With restart interlock (restart, RI)
2 and 4
OFF
Without relay monitor (RM)
ON
With relay monitor (RM)
DIP switch
Operating mode
3 and
6
2 and
5
1 and
4
0
0
0
SLA /SLP/bridge channel 1 + 2 and channel 3 + 4
0
0
1
SLA /SLP/bridge on channel 1 + 2 and SLC channel 3 + 4
0
1
0
SLC channel 1 + 2 and channel 3 + 4
0
1
1
SLA /SLP/bridge channel 1 + 2 and safety mat channel 3 + 4
1
0
0
Safety mat channel 1 + 2 and channel 3 + 4
1
0
1
SLC channel 1 + 2 and safety mat channel 3 + 4
Switch
Position
Operating mode
1
Group 1 and 2
OFF
Muting lamp monitoring inactive
ON
Muting lamp monitoring active
2
Group 1 and 2
OFF
Single muting
ON
Double muting
3
Group 1 and 2
OFF
Time window-limited muting
ON
Protection beam-limited muting
4
Group 1 and 2
OFF
Sequential muting
ON
Parallel muting



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com