Electronic Components Datasheet Search
  English  ▼

X  

SLCS60 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # SLCS60
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCS60 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  SLCS60 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCS60 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dimensions
Height of protected area
Height of protected area
Lengths to 1200 mm
Lengths from 1300 - 2400 mm
8.5
L
9.5
111.5
29.5
111.5
8.5
L
9.5
29.5
5.0
Technical Data
General specifications
Effective detection range
0.4 ... 8 m
Light source
IRED
Light type
modulated infrared light , 850 nm
Protection field height
see Table 1, max. 2400 mm
Operating mode
Startup/restart disable, deactivateable
Optical resolution
60 mm
Opening angle
< 5 °
Ambient light limit
Not sensitive to ambient light in accordance with IEC 61496-2
UL File Number
E215245
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 3
Performance level (PL)
PL e
Category
Cat. 4
Mission Time (TM)
20 a
PFHd
Depending on the protection field height; see Manual
Type
4
Indicators/operating means
Operation indicator
green: Power on
Function indicator
Green: OSSD ON , Red: OSSD OFF
Status indicator
Transmitter unit: LED yellow: Mode, test or error
Receiver: LED yellow: Start readiness, function reserve or error
Electrical specifications
Operating voltage
UB
24 V DC (-20%, +30%) ; Power supply with safe isolation: 24 V DC
Safety light curtain
SLCS60
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com