Electronic Components Datasheet Search
  English  ▼

X  

SLCT30 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # SLCT30
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT30 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  SLCT30 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Safety light curtain
SLCT30
< Resolution 30 mm (hand protection)
< Protection field height up to 2400 mm
< Self-testing (type 2 as per IEC/EN 61496-1)
< SIL1 acc. to IEC 61508
< Degree of protection IP67
< Temperature range -35 ... 60°C (-31 ... 140 °F)
< Slim design, mounting on three sides
Safety light curtain
Functional
Safety
Function
The safety light curtain consists of a transmitter and a receiver unit. The protected area is formed by infrared light beams transmitted
from the transmitter unit to the receiver unit. The spacing between the individual light beams determines the minimum obstruction size (30 mm)
that can be reliably detected within the entire protected area range.
Application
l
Active opto-electronic protective device (AOPD) for protection of people in danger zones and high risk areas
l
Hand protection from 30 mm resolution
l
Finger protection from 14 mm resolution
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - SLCT30

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
More results

Similar Description - SLCT30

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
logo
Pepperl+Fuchs Inc.
SLCS14 PF-SLCS14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-14
SLCS30 PF-SLCS30 Datasheet
871Kb / 7P
Safety light curtain
2023-02-14
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCS90 PF-SLCS90 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com