Electronic Components Datasheet Search
  English  ▼

X  

0059351A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059351A2
Description  FERRITE CORE TOROID 51NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059351A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059351A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Edge
Permeability
(µ)
60
(mm)
OD (A)
23.57
ID (B)
14.40
HT (C)
8.89
80%
50%
100
180
Curie Temp:
500°C
0%
29.9
40%
36.9
Max HT
20%
33.5
45%
38.0
25%
34.3
50%
38.9
30%
35.1
60%
41.1
35%
36.1
70%
43.6
Revision
0059351A2
Notes:
Max OD
13.9
28.5
19.5
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
1,800
2,600
Completely Full Window
Surface Area (mm
2)
2,270
Weight
(g)
0.958
(in)
0.542
0.380
38.8
Cross
Section
Ae (mm
2)
58.5
max
18.3
Path
Length
Le (mm)
27.1
OD
Electrical Characeristics
525
DC Bias min
(oersteds)
Watt Loss
@ 100kHz, 100mT
40% Winding Factor
Winding
Factor
(mm)
Winding
Factor
(mm)
max (mW/cm
3)
Winding Length Per Turn
Wound Coil Dimensions (mm)
Winding Information
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
149
47.0
2000
Coating
Color
Part
Number
min
max
Dimensions
Green
Bulk Pack
4 bags/box
Box Qty= 720 pcs
50 ± 8%
59351A2
(mm)
AL
(nH/T
2)
(in)
0.928
0.567
0.350
12/17/2021
Core Marking
Uncoated
24.33
13.77
9.65
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0
10
20
30
40
50
0
200
400
600
800
1000
1200
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0059351A2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
005930-000 MACOM-005930-000 Datasheet
5Mb / 85P
tyco electronics contents
logo
Magnetics, a division o...
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
More results

Similar Description - 0059351A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com