Electronic Components Datasheet Search
  English  ▼

X  

MKCP4 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # MKCP4
Description  Resin-encased Metallized polypropylene film capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MKCP4 Datasheet(HTML) 1 Page - AIC tech Inc.

  MKCP4 Datasheet HTML 1Page - AIC tech Inc. MKCP4 Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MKCP4 Series (Resin-encased Metallized
polypropylene film capacitors
)
Features
• Suitable for DC link circuit.
• Plastic case and filling resin materials conform to UL94V
-0.
Specifications
Items
Description
Operating Temperature range *
−40 ∼+105℃
(voltage derating is required at ≧+85℃)
Rated Voltage
U N
700, 900, 1,100V.DC
Voltage test between terminals
1.5
×U N / 10s
Terminals
Tinned wire leads
Reference standard
ⅠEC 61071 : 2007
Dielectric
Polypropylene
Case
UL94V-0
Filling material
UL94V-0
Environmental regulation
Comply with RoHS
※ Temperature in table is value at hot spot on capacitor case.
Case (mm)
Terminal (mm)
Case
dimension
code
TH
L
P1
P2
φd
21.5
38.5
43.0
37.5
10.2
1.0
EH
Ⅰ
24.0
44.0
42.0
37.5
10.2
1.0
E
ⅠⅠ
30.0
45.0
42.0
37.5
20.3
1.0
GJ
Ⅰ
30.0
55.0
42.0
37.5
20.3
1.0
GL
Ⅰ
25.0
45.0
57.5
52.5
10.2
1.2
FJL
30.0
45.0
57.5
52.5
20.3
1.2
GJL
35.0
50.0
57.5
52.5
20.3
1.2
HKL
35.0
60.0
57.5
52.5
20.3
1.2
HML
35.0
65.0
57.5
52.5
20.3
1.2
HNL
45.0
57.0
57.5
52.5
20.3
1.2
JLL
60.0
45.0
57.5
52.5
20.3
1.2
MJL
35.0
80.0
57.5
52.5
20.3
1.2
HQL
45.0
65.0
57.5
52.5
20.3
1.2
JNL
Dimension
Outline of drawings and dimensions
Internal Circuit
L±1
H±1
P1±0.5
P2±0.5
6+0,−2
T±1
φd
Marking
MKCP4
700V
-
EHI
206
K
(...)
Series
Rated
voltage UN
Others
Case dimension
code
Capacitance code
206
:20×106 pF
Capacitance
torelance
K
:±10%
J
:±5%
Part number
Example : MKCP4 series
 700V.dc 20μF ±10%


Similar Part No. - MKCP4

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
MKCP4T AICTECH-MKCP4T Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
MKCP4T-1100V126KGJI AICTECH-MKCP4T-1100V126KGJI Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
MKCP4T-1100V146KFJL AICTECH-MKCP4T-1100V146KFJL Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
MKCP4T-1100V146KGLI AICTECH-MKCP4T-1100V146KGLI Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
MKCP4T-1100V186KGJL AICTECH-MKCP4T-1100V186KGJL Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
More results

Similar Description - MKCP4

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
logo
AIC tech Inc.
MKCP4T AICTECH-MKCP4T Datasheet
77Kb / 2P
Resin-encased Metallized polypropylene film capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com