Electronic Components Datasheet Search
  English  ▼

X  

MKCP4T Datasheet(PDF) 2 Page - AIC tech Inc.

Part # MKCP4T
Description  Resin-encased Metallized polypropylene film capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MKCP4T Datasheet(HTML) 2 Page - AIC tech Inc.

  MKCP4T Datasheet HTML 1Page - AIC tech Inc. MKCP4T Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MKCP4T Series
Nominal
Capacitance
C N
〔μF〕
Dimensions
〔mm〕
dv/dt
〔V/us〕
Maximum
peak current
Î
〔AP〕
Maximum
ripple current
Imax〔Arms〕
ESR
(typ.)
〔m 〕
ESL
(typ.)
〔nH〕
Rth
〔K/W〕
Part number
THL
P1
P2
φd
Rated voltage
U N : 700Vdc(70℃:800Vdc, 85℃:700Vdc, 105℃:500Vdc)
Voltage test between terminals
U TT : 1,050Vdc/10s
15
21.5
38.5
43.0
37.5
10.2
1.0
40
600
10.5
8.0
18
13.0
MKCP4T-700V156KEH
Ⅰ
20
24.0
44.0
42.0
37.5
10.2
1.0
40
800
12.5
6.0
19
12.0
MKCP4T-700V206KE
Ⅰ
Ⅰ
25
30.0
45.0
42.0
37.5
20.3
1.0
40
1,000
15.0
5.0
19
9.5
MKCP4T-700V256KGJ
Ⅰ
30
30.0
55.0
42.0
37.5
20.3
1.0
40
1,200
17.0
4.0
21
9.5
MKCP4T-700V306KGL
Ⅰ
30
25.0
45.0
57.5
52.5
10.2
1.2
20
600
12.0
8.0
19
11.0
MKCP4T-700V306KFJL
40
30.0
45.0
57.5
52.5
20.3
1.2
20
800
15.0
6.0
19
9.5
MKCP4T-700V406KGJL
50
35.0
50.0
57.5
52.5
20.3
1.2
20
1,000
17.0
5.0
20
8.0
MKCP4T-700V506KHKL
55
35.0
50.0
57.5
52.5
20.3
1.2
20
1,100
18.0
4.5
20
8.0
MKCP4T-700V556KHKL
70
35.0
60.0
57.5
52.5
20.3
1.2
20
1,400
20.5
3.5
21
8.0
MKCP4T-700V706KHML
Rated voltage
U N : 900Vdc(70℃:1,100Vdc, 85℃:900Vdc, 105℃:650Vdc)
Voltage test between terminals
U TT : 1,350Vdc/10s
9
21.5
38.5
43.0
37.5
10.2
1.0
40
360
8.5
12.5
18
13.0
MKCP4T-900V905KEH
Ⅰ
12
24.0
44.0
42.0
37.5
10.2
1.0
40
480
10.0
9.0
19
12.0
MKCP4T-900V126KE
Ⅰ
Ⅰ
17
30.0
45.0
42.0
37.5
20.3
1.0
40
680
14.0
6.0
19
9.5
MKCP4T-900V176KGJ
Ⅰ
20
30.0
55.0
42.0
37.5
20.3
1.0
40
800
15.5
5.0
21
9.5
MKCP4T-900V206KGL
Ⅰ
20
25.0
45.0
57.5
52.5
10.2
1.2
20
400
10.0
11.0
19
11.0
MKCP4T-900V206KFJL
25
30.0
45.0
57.5
52.5
20.3
1.2
20
500
11.5
9.0
19
9.5
MKCP4T-900V256KGJL
30
35.0
50.0
57.5
52.5
20.3
1.2
20
600
14.0
7.0
20
8.0
MKCP4T-900V306KHKL
35
35.0
50.0
57.5
52.5
20.3
1.2
20
700
15.5
6.0
20
8.0
MKCP4T-900V356KHKL
40
35.0
60.0
57.5
52.5
20.3
1.2
20
800
16.5
5.0
21
8.0
MKCP4T-900V406KHML
Rated voltage
U N : 1,100Vdc(70℃:1,300Vdc, 85℃:1,100Vdc, 105℃:800Vdc)
Voltage test between terminals
U TT : 1,650Vdc/10s
6
21.5
38.5
43.0
37.5
10.2
1.0
45
270
8.0
13.5
18
13.0
MKCP4T-1100V605KEH
Ⅰ
8
24.0
44.0
42.0
37.5
10.2
1.0
45
360
10.0
10.0
19
12.0
MKCP4T-1100V805KE
Ⅰ
Ⅰ
12
30.0
45.0
42.0
37.5
20.3
1.0
45
540
13.5
6.5
19
9.5
MKCP4T-1100V126KGJ
Ⅰ
14
30.0
55.0
42.0
37.5
20.3
1.0
45
630
14.0
6.0
21
9.5
MKCP4T-1100V146KGL
Ⅰ
14
25.0
45.0
57.5
52.5
10.2
1.2
23
320
9.5
11.5
19
11.0
MKCP4T-1100V146KFJL
18
30.0
45.0
57.5
52.5
20.3
1.2
23
410
11.5
9.0
19
9.5
MKCP4T-1100V186KGJL
22
35.0
50.0
57.5
52.5
20.3
1.2
23
500
14.5
7.0
20
8.0
MKCP4T-1100V226KHKL
25
35.0
50.0
57.5
52.5
20.3
1.2
23
570
15.0
6.5
20
8.0
MKCP4T-1100V256KHKL
30
35.0
60.0
57.5
52.5
20.3
1.2
23
690
16.5
5.0
21
8.0
MKCP4T-1100V306KHML
Standard Products Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com