Electronic Components Datasheet Search
  English  ▼

X  

VFH Datasheet(PDF) 2 Page - AIC tech Inc.

Part # VFH
Description  Useful of 20,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

VFH Datasheet(HTML) 2 Page - AIC tech Inc.

  VFH Datasheet HTML 1Page - AIC tech Inc. VFH Datasheet HTML 2Page - AIC tech Inc. VFH Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VFH Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
350
1,800
51
×75
0.20
5.6
59
70
21
VFH2V182YC075
2,200
51
×96
0.20
6.5
48
57
21
VFH2V222YC096
2,700
51
×109
0.20
7.5
39
47
21
VFH2V272YC109
3,300
51
×125
0.20
8.6
32
38
21
VFH2V332YC125
3,900
64
×94
0.20
10.5
27
32
22
VFH2V392YD094
4,700
64
×107
0.20
11.9
22
23
22
VFH2V472YD107
5,600
64
×123
0.20
13.0
20
21
22
VFH2V562YD123
77
×95
0.20
14.6
20
21
24
VFH2V562YE095
6,800
64
×147
0.20
14.1
18
18
22
VFH2V682YD147
77
×108
0.20
16.0
18
18
24
VFH2V682YE108
90
×97
0.20
18.5
18
18
24
VFH2V682YF097
8,200
64
×187
0.20
15.9
15
17
22
VFH2V822YD187
77
×124
0.20
18.0
15
17
24
VFH2V822YE124
90
×110
0.20
20.2
15
17
24
VFH2V822YF110
10,000
77
×148
0.20
19.5
12
15
24
VFH2V103YE148
90
×126
0.20
22.1
12
15
24
VFH2V103YF126
12,000
77
×188
0.20
21.8
10
13
24
VFH2V123YE188
90
×150
0.20
24.1
10
13
24
VFH2V123YF150
15,000
77
×228
0.20
25.2
8
11
24
VFH2V153YE228
90
×167
0.20
26.5
8
11
24
VFH2V153YF167
18,000
90
×190
0.20
29.3
6
9
24
VFH2V183YF190
22,000
90
×230
0.20
31.5
5
7
24
VFH2V223YF230
27,000
90
×268
0.20
33.0
4
6
24
VFH2V273YF268
400
1,200
51
×75
0.20
4.7
83
97
21
VFH2G122YC075
1,500
51
×96
0.20
5.6
66
77
21
VFH2G152YC096
1,800
51
×109
0.20
6.2
55
65
21
VFH2G182YC109
2,200
51
×125
0.20
7.0
45
53
21
VFH2G222YC125
3,300
64
×94
0.20
9.7
30
35
22
VFH2G332YD094
3,900
64
×107
0.20
10.8
27
32
22
VFH2G392YD107
4,700
64
×123
0.20
11.9
22
23
22
VFH2G472YD123
77
×95
0.20
13.3
22
23
24
VFH2G472YE095
5,600
64
×147
0.20
12.8
20
21
22
VFH2G562YD147
77
×108
0.20
14.5
20
21
24
VFH2G562YE108
90
×97
0.20
16.8
20
21
24
VFH2G562YF097
6,800
64
×187
0.20
14.5
18
18
22
VFH2G682YD187
77
×124
0.20
16.4
18
18
24
VFH2G682YE124
90
×110
0.20
18.4
18
18
24
VFH2G682YF110
8,200
77
×165
0.20
18.0
15
17
24
VFH2G822YE165
90
×126
0.20
20.0
15
17
24
VFH2G822YF126
10,000
77
×188
0.20
19.9
12
15
24
VFH2G103YE188
90
×150
0.20
22.0
12
15
24
VFH2G103YF150
12,000
90
×167
0.20
23.7
10
13
24
VFH2G123YF167
15,000
90
×190
0.20
26.7
8
11
24
VFH2G153YF190
18,000
90
×230
0.20
28.5
7
9
24
VFH2G183YF230
22,000
90
×268
0.20
29.8
6
7
24
VFH2G223YF268
450
1,000
51
×75
0.20
4.2
102
106
21
VFH2W102YC075
1,200
51
×96
0.20
5.0
85
88
21
VFH2W122YC096
1,500
51
×109
0.20
5.9
68
71
21
VFH2W152YC109
1,800
51
×125
0.20
6.6
57
59
21
VFH2W182YC125
2,200
64
×94
0.20
8.1
46
48
22
VFH2W222YD094
2,700
64
×107
0.20
9.2
40
42
22
VFH2W272YD107
3,300
64
×123
0.20
10.2
35
35
22
VFH2W332YD123
77
×95
0.20
11.4
35
35
24
VFH2W332YE095
3,900
64
×147
0.20
10.9
27
32
22
VFH2W392YD147
77
×108
0.20
12.4
27
32
24
VFH2W392YE108
4,700
64
×164
0.20
12.2
24
27
22
VFH2W472YD164
77
×124
0.20
13.9
24
27
24
VFH2W472YE124
90
×97
0.20
15.8
24
27
24
VFH2W472YF097
5,600
64
×187
0.20
13.5
22
23
22
VFH2W562YD187
77
×148
0.20
14.9
22
23
24
VFH2W562YE148
90
×110
0.20
17.1
22
23
24
VFH2W562YF110
6,800
77
×165
0.20
16.8
20
20
24
VFH2W682YE165
90
×126
0.20
18.7
20
20
24
VFH2W682YF126
8,200
77
×188
0.20
18.5
18
18
24
VFH2W822YE188
90
×150
0.20
20.4
18
18
24
VFH2W822YF150
10,000
90
×167
0.20
22.2
15
15
24
VFH2W103YF167
12,000
90
×190
0.20
24.5
13
12
24
VFH2W123YF190
15,000
90
×230
0.20
26.6
11
10
24
VFH2W153YF230
18,000
90
×268
0.20
27.7
9
8
24
VFH2W183YF268



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com