Electronic Components Datasheet Search
  English  ▼

X  

VFR Datasheet(PDF) 2 Page - AIC tech Inc.

Part # VFR
Description  Useful of 4,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

VFR Datasheet(HTML) 2 Page - AIC tech Inc.

  VFR Datasheet HTML 1Page - AIC tech Inc. VFR Datasheet HTML 2Page - AIC tech Inc. VFR Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VFR Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
350
2,200
51
×96
0.20
10.2
43
47
21
VFR2V222YC096
2,700
51
×109
0.20
11.4
35
38
21
VFR2V272YC109
3,300
51
×125
0.20
12.7
29
31
21
VFR2V332YC125
3,900
64
×107
0.20
17.0
24
26
22
VFR2V392YD107
4,700
64
×123
0.20
19.2
20
21
22
VFR2V472YD123
5,600
64
×147
0.20
20.6
17
18
22
VFR2V562YD147
77
×108
0.20
23.5
17
18
24
VFR2V562YE108
6,800
64
×164
0.20
23.3
14
15
22
VFR2V682YD164
77
×124
0.20
26.5
14
15
24
VFR2V682YE124
8,200
64
×187
0.20
25.8
12
12
22
VFR2V822YD187
77
×148
0.20
28.5
12
12
24
VFR2V822YE148
90
×110
0.20
32.6
12
12
24
VFR2V822YF110
10,000
77
×165
0.20
32.1
9
10
24
VFR2V103YE165
90
×126
0.20
35.9
9
10
24
VFR2V103YF126
12,000
77
×188
0.20
35.3
8
8
24
VFR2V123YE188
90
×150
0.20
39.1
8
8
24
VFR2V123YF150
15,000
77
×228
0.20
40.8
6
7
24
VFR2V153YE228
90
×167
0.20
43.3
6
7
24
VFR2V153YF167
18,000
90
×190
0.20
47.1
5
6
24
VFR2V183YF190
22,000
90
×230
0.20
51.2
4
5
24
VFR2V223YF230
27,000
90
×268
0.20
51.8
3
4
24
VFR2V273YF268
400
1,800
51
×96
0.20
9.5
54
55
21
VFR2G182YC096
2,200
51
×109
0.20
10.6
44
45
21
VFR2G222YC109
2,700
51
×125
0.20
11.9
36
37
21
VFR2G272YC125
3,300
64
×107
0.20
15.7
29
30
22
VFR2G332YD107
3,900
64
×123
0.20
17.5
24
26
22
VFR2G392YD123
4,700
64
×147
0.20
18.9
20
21
22
VFR2G472YD147
77
×108
0.20
21.5
20
21
24
VFR2G472YE108
5,600
64
×164
0.20
21.2
17
18
22
VFR2G562YD164
77
×124
0.20
24.0
17
18
24
VFR2G562YE124
6,800
64
×187
0.20
23.5
14
15
22
VFR2G682YD187
77
×148
0.20
26.0
14
15
24
VFR2G682YE148
90
×110
0.20
29.7
14
15
24
VFR2G682YF110
8,200
77
×165
0.20
29.1
12
12
24
VFR2G822YE165
90
×126
0.20
32.5
12
12
24
VFR2G822YF126
10,000
77
×188
0.20
32.2
9
10
24
VFR2G103YE188
90
×150
0.20
35.7
9
10
24
VFR2G103YF150
12,000
77
×228
0.20
36.5
8
8
24
VFR2G123YE228
90
×167
0.20
38.7
8
8
24
VFR2G123YF167
15,000
90
×190
0.20
43.0
6
7
24
VFR2G153YF190
18,000
90
×230
0.20
46.3
5
6
24
VFR2G183YF230
22,000
90
×268
0.20
46.8
4
5
24
VFR2G223YF268
450
1,500
51
×96
0.20
9.0
63
67
21
VFR2W152YC096
1,800
51
×109
0.20
10.1
53
56
21
VFR2W182YC109
2,200
51
×125
0.20
11.3
43
46
21
VFR2W222YC125
2,700
64
×107
0.20
14.5
35
37
22
VFR2W272YD107
3,300
64
×123
0.20
16.5
29
30
22
VFR2W332YD123
3,900
64
×147
0.20
17.6
24
26
22
VFR2W392YD147
77
×108
0.20
20.1
24
26
24
VFR2W392YE108
4,700
64
×164
0.20
19.9
20
21
22
VFR2W472YD164
77
×124
0.20
22.6
20
21
24
VFR2W472YE124
5,600
64
×187
0.20
21.9
17
18
22
VFR2W562YD187
77
×148
0.20
24.1
17
18
24
VFR2W562YE148
90
×110
0.20
27.6
17
18
24
VFR2W562YF110
6,800
77
×165
0.20
27.1
14
15
24
VFR2W682YE165
90
×126
0.20
30.3
14
15
24
VFR2W682YF126
8,200
77
×188
0.20
29.9
12
12
24
VFR2W822YE188
90
×150
0.20
33.1
12
12
24
VFR2W822YF150
10,000
77
×228
0.20
34.1
9
10
24
VFR2W103YE228
90
×167
0.20
36.2
9
10
24
VFR2W103YF167
12,000
90
×190
0.20
39.4
8
8
24
VFR2W123YF190
15,000
90
×230
0.20
43.3
6
7
24
VFR2W153YF230
18,000
90
×268
0.20
43.4
5
6
24
VFR2W183YF268



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com