Electronic Components Datasheet Search
  English  ▼

X  

9161 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9161
Description  Electronic, 8 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9161 Datasheet(HTML) 1 Page - Belden Inc.

  9161 Datasheet HTML 1Page - Belden Inc. 9161 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9161
Electronic, 8 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 8 Pair 18AWG (16x30) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
8
18 AWG 16x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl
Chloride
0.013 in (0.33 mm) 0.073 in (1.9 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.037 in (0.94 mm) 0.485 in (12.3 mm)
Overall Cable Diameter (Nominal):
0.485 in (12.3 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
7.2 Ohm/1000ft
25.5 pF/ft (83.7 pF/m)
3.5 Amps per Conductor at 20ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
4.9 in (120 mm)
4.9 in (120 mm)
Max. Pull Tension:
332.8 lbs (151.0 kg)
Bulk Cable Weight:
142 lbs/1000ft
Standards and Compliance


Similar Part No. - 9161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9161 ETC2-9161 Datasheet
144Kb / 1P
ACCEPTS 8-PIN S.O.I.C FOR GENERAL PURPOSE PROTOTYPE AND DEVELOPMENT
9161 ETC2-9161 Datasheet
153Kb / 1P
ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs PERIPHERAL BREADBOARDING AREA
logo
Heyco.
9161 HEYCO-9161 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Time Electronics Ltd.
9161 TIME-ELECTRONICS-9161 Datasheet
49Kb / 1P
1040 Decade Resistance Box
V1c 04/05/09
9161 TIME-ELECTRONICS-9161 Datasheet
105Kb / 1P
Precision Low Ohm Resistance Box
V3 05/09/03
More results

Similar Description - 9161

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8690 BELDEN-8690 Datasheet
189Kb / 2P
Electronic, 3 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8691 BELDEN-8691 Datasheet
199Kb / 2P
Electronic, 6 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
8692 BELDEN-8692 Datasheet
155Kb / 2P
Electronic, 9 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9156 BELDEN-9156 Datasheet
179Kb / 2P
Electronic, 2 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9157 BELDEN-9157 Datasheet
162Kb / 2P
Electronic, 4 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9159 BELDEN-9159 Datasheet
167Kb / 2P
Electronic, 5 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9740 BELDEN-9740 Datasheet
180Kb / 2P
Electronic, 1 PR #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
9741 BELDEN-9741 Datasheet
211Kb / 2P
Electronic, 12 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9742 BELDEN-9742 Datasheet
214Kb / 2P
Electronic, 15 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
9743 BELDEN-9743 Datasheet
178Kb / 2P
Electronic, 19 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com