Electronic Components Datasheet Search
  English  ▼

X  

9302 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9302
Description  Audio, Control & Instrument, #22-2pr, PVC, O/A Foil, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9302 Datasheet(HTML) 1 Page - Belden Inc.

  9302 Datasheet HTML 1Page - Belden Inc. 9302 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9302
Audio, Control & Instrument, #22-2pr, PVC, O/A Foil, PVC Jkt, CMG
Product Description
Audio, Control & Instrument Cable, 22 AWG solid tinned copper conductors, PVC insulation, twisted pairs, overall Beldfoil® shield (100% coverage), 22 AWG
stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
2
22 AWG Solid
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.013 in (0.33 mm) 0.052 in (1.3 mm)
Black & Red, Black & White
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.244 in (6.20 mm)
Overall Cable Diameter (Nominal): 0.244 in (6.20 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
20.6 Ohm/1000ft
35 pF/ft (110 pF/m)
50 pF/ft (160 pF/m)
4.8 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min.
Installation Min.
2.44 in (62.0 mm) 2.44 in (62.0 mm)


Similar Part No. - 9302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9302 ETC2-9302 Datasheet
134Kb / 1P
ACCEPTS 20 PIN FOR DEVICE EVALUTION, ADAPTATION, AND TEST
logo
Keystone Electronics Co...
9302 KEYSTONE-9302 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9302 HEYCO-9302 Datasheet
152Kb / 2P
Snap Rivets
logo
Elma Electronic Ltd
9302064G1SSMNE ELMA-9302064G1SSMNE Datasheet
354Kb / 2P
9302 XMC-PCIeStor
9302064G1SSMNO ELMA-9302064G1SSMNO Datasheet
354Kb / 2P
9302 XMC-PCIeStor
More results

Similar Description - 9302

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9402 BELDEN-9402 Datasheet
239Kb / 2P
Audio, Control & Instrument, #20-2pr, SR-PVC, Indiv. Foil, PVC Jkt, CMG
9184 BELDEN-9184 Datasheet
163Kb / 2P
Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
9305 BELDEN-9305 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-4pr, PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9306 BELDEN-9306 Datasheet
147Kb / 2P
Audio, Control & Instrument, #22-6pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9309 BELDEN-9309 Datasheet
154Kb / 2P
Audio, Control & Instrument, #22-9pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9315 BELDEN-9315 Datasheet
156Kb / 3P
Audio, Control & Instrument, #22-15pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9319 BELDEN-9319 Datasheet
152Kb / 2P
Audio, Control & Instrument, #22-19pr, PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9406 BELDEN-9406 Datasheet
168Kb / 2P
Audio, Control & Instrument, #22-2pr, SR-PVC, Indiv. Foil, PVC Jkt, CMG
05-05-2023
9414 BELDEN-9414 Datasheet
145Kb / 2P
Audio, Control & Instrument, #22-1pr, SR-PVC, O/A Foil, PVC Jkt, CMG
05-05-2023
9562 BELDEN-9562 Datasheet
142Kb / 2P
Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com