Electronic Components Datasheet Search
  English  ▼

X  

SDM9433 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SDM9433
Description  P -Channel E nhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM9433 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SDM9433 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM9433 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM9433 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM9433 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM9433 Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S DM9433
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS -16V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS 12V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-0.7
V
Drain-Source On-State R esistance
R DS(ON)
VGS -4.5V, ID -5.1A
VGS -2.7V, ID -2.0A
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -4.5V
-20
13
A
S
Forward Transconductance
FS
g
VDS -15V, ID - 5.3A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-10V, VGS = 0V
f =1.0MHZ
1190
P
F
710
P
F
P
F
260
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -10V,
ID = -1A,
VGEN = -4.5V,
R GEN = 6 -ohm
20
40
ns
ns
ns
ns
18
70
50
120
29
140
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-10V, ID = -1A,
VGS =-4.5V
nC
nC
nC
4
4.3
C
Fall Time
=
=
=
=
=
=
5
2
m-ohm
m-ohm
25
45
70
20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com