Electronic Components Datasheet Search
  English  ▼

X  

9402MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 9402MN
Description  SpaceMaker™, 2 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9402MN Datasheet(HTML) 1 Page - Belden Inc.

  9402MN Datasheet HTML 1Page - Belden Inc. 9402MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9402MN
SpaceMaker™, 2 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 2 Pair 20AWG (26x34) Tinned Copper, PO Insulation, Individual & Overall Beldfoil® Shield, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
2
20 AWG 26x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PP - Polypropylene 0.010 in (0.25 mm) 0.057 in (1.4 mm)
Black & White, Red & Green
Inner Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
20 AWG (19x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.254 in
Overall Cable Diameter (Nominal):
0.254 in
Electrical Characteristics
Electricals
Nom. Conductor
DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Characteristic Impedence
Max. Current
11.2 Ohm/1000ft
32.6 pF/ft (107 pF/m)
61.3 pF/ft (201 pF/m)
47 Ohm
6.4 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min.
Installation Min.
1.016 in (25.81 mm) 1.016 in


Similar Part No. - 9402MN

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9402 RHOPOINT-9402 Datasheet
54Kb / 2P
Surface Mount Reed Relays
logo
3M Electronics
9402 3M-9402 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Belden Inc.
9402 BELDEN-9402 Datasheet
239Kb / 2P
Audio, Control & Instrument, #20-2pr, SR-PVC, Indiv. Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9402 KEYSTONE-9402 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Pepperl+Fuchs Inc.
9402 PF-9402 Datasheet
54Kb / 1P
Couplings
30.01.1998
More results

Similar Description - 9402MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8777MN BELDEN-8777MN Datasheet
216Kb / 2P
SpaceMaker™, 3 Pr #22 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
8778MN BELDEN-8778MN Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #22 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
8779MN BELDEN-8779MN Datasheet
221Kb / 2P
SpaceMaker™, 4 Pr #22 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
8875MN BELDEN-8875MN Datasheet
206Kb / 2P
SpaceMaker™, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
Product Description
9773MN BELDEN-9773MN Datasheet
216Kb / 2P
SpaceMaker™, 3 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9780MN BELDEN-9780MN Datasheet
206Kb / 2P
SpaceMaker™, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9873MN BELDEN-9873MN Datasheet
216Kb / 2P
SpaceMaker™, 3 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9874MN BELDEN-9874MN Datasheet
220Kb / 2P
SpaceMaker™, 6 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9882MN BELDEN-9882MN Datasheet
221Kb / 2P
SpaceMaker™, 4 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9884MN BELDEN-9884MN Datasheet
206Kb / 2P
SpaceMaker™, 5 Pr #20 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com